Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 28 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 28 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 24Page - SMSC Corporation IRCC Datasheet HTML 25Page - SMSC Corporation IRCC Datasheet HTML 26Page - SMSC Corporation IRCC Datasheet HTML 27Page - SMSC Corporation IRCC Datasheet HTML 28Page - SMSC Corporation IRCC Datasheet HTML 29Page - SMSC Corporation IRCC Datasheet HTML 30Page - SMSC Corporation IRCC Datasheet HTML 31Page - SMSC Corporation IRCC Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
28
EOM, bit 6
When this bit is one, an End of Message has
occurred. The EOM indicates the end of an IrDA
FIR EOF or Abort.
During Consumer IR
messages EOM also indicates FIFO underruns/
overruns and DMA Terminal Counts. Reading
the Interrupt Identification register resets the
EOM bit.
Raw Mode Interrupt, bit 5
When this bit is one, a Raw Mode interrupt has
occurred. The Raw Mode Interrupt indicates that
the Raw Rx Control bit has gone active. Reading
the Interrupt Identification register resets the Raw
Mode Interrupt bit.
FIFO Interrupt, bit 4
When this bit is one, a FIFO Interrupt has
occurred. The FIFO Interrupt indicates that the
FIFO Interrupt Enable is active and either a
TxServReq or an RxServReq has occurred. The
FIFO Interrupt bit is cleared when the interrupt is
disabled; i.e., reading the Interrupt Identification
register does not reset the FIFO Interrupt bit.
Interrupt Enable Register (Address 2)
Setting any of the bits in this register to one
enables the associated interrupt (see the
Interrupt
Identification
Register)
onto
the
Interrupt Request (IRQ) line defined in the
Interface Description. Interrupts will only occur if
both the interrupt enable bit and the Master
Interrupt Enable bit (see the Master Block
Control Register) are active.
The interrupt enables do not affect the bits in the
Interrupt ID (IID) register, except for the FIFO
Interrupt. For example, a Raw Mode interrupt
that occurs while the Raw Mode Interrupt Enable
is inactive will alter the Raw Mode Interrupt
indicator in the IID register but will not activate
the IRQ line. Toggling the FIFO Interrupt Enable
will affect the FIFO Interrupt indicator in the IID
register.
Line Status Register(s) (Address 3)
Error Indicators (read-only)
There are eight Line Status Registers at address
3. Each register is read-only and is accessed
using the three Status Register Address bits,
also located at this address.
The FIFO
Underrun, FIFO Overrun, Frame Error, Size
Error, Frame Abort, and CRC Error flags indicate
the status of any one of eight IrDA FIR message
frames. The Error Indicators, in all registers, are
reset following a Master Reset, Power-On-Reset,
and Error Reset (see the Master Block Control
Register). The error indicators for the current
status register only (see the Message Count bits)
are reset following a valid IrDA BOF sequence.
FIFO Underrun, bit 7
The FIFO Underrun bit gets set to one when the
IrDA FIR transmitter runs out of FIFO data and
the Data Done bit is not active.
FIFO Overrun, bit 6
The FIFO Overrun bit gets set to one when the
IrDA FIR receiver tries to write data to the FIFO
when the FIFO Full flag is active.
Frame Error, bit 5
The Frame Error bit gets set to one when IrDA
framing errors are detected; for example, HDLC
pulse-widths greater than one bit-cell, and invalid
framing fields (see the section Framing Errors).
Size Error, bit 4
The Size Error bit is set to one whenever the
IrDA FIR receiver decrements the Rx Data Size
count to zero before the End-Of-Frame, or
whenever the the Brick Wall bit is inactive and
the IrDA FIR transmitter decrements the Tx Data
Size count to zero before FIFO Empty goes
active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com