Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 32 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 32 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 28Page - SMSC Corporation IRCC Datasheet HTML 29Page - SMSC Corporation IRCC Datasheet HTML 30Page - SMSC Corporation IRCC Datasheet HTML 31Page - SMSC Corporation IRCC Datasheet HTML 32Page - SMSC Corporation IRCC Datasheet HTML 33Page - SMSC Corporation IRCC Datasheet HTML 34Page - SMSC Corporation IRCC Datasheet HTML 35Page - SMSC Corporation IRCC Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
32
Bus Status Register (Address 6)
FIFO Indicators (read-only)
The FIFO Indicators reflect the current status of
the SCE FIFO.
FIFO Not Empty, bit 7
The FIFO Not Empty bit when set to one
indicates that there is data in the SCE FIFO.
FIFO Full, bit 6
The FIFO Full bit when set to one indicates that
there is no room for data in the SCE FIFO.
Time-Out, bit 5
The Time-Out bit is the IOCHRDY time-out error
bit. The Time-Out bit when set to one indicates
that an IOCHRDY time-out error has occurred.
Time-Out is reset by the IrCC System Reset (see
Interface Description) following a read of the Bus
Status register, and following a Master Reset
(see Master Block Control Register).
REGISTER BLOCK ONE
Register Block One contains the SCE control
registers (Table 18). Typically, the controls in
Register Block One are needed to configure the
SCE before message transactions can occur.
Table 18 - Register Block One
Address
Direction
Description
Default
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
R/W
SCE Configuration Register A
'02'hex
aux
ir
block control
bits
half
duplx
tx po-
larity
rx po-
larity
0
0
1
R/W
SCE Configuration Register B
'00'hex
output mux
bits
loop-
back
lpbck
tx crc
no
wait
string
move
dma
burst
dma
enable
0
1
0
R/W
FIFO Threshold Register
'00'hex
0
1
1
1
0
0
1
0
1
1
1
0
SCE Configuration Register A (Address 0)
Auxiliary IR, bit 7
When the Auxiliary IR bit is one and the active
device is routed through the Output Multiplexer to
the IR Port or the COM Port, the transmit signal
also appears at the Auxiliary Port.
Block Control, bits 3 - 6
The Block Control bits select one of the eight
IrCC operational modes (Table 19). The three
low-order Block Control bits are equivalent to the
IR Mode bits in the chip-level configuration space
of earlier devices; e.g., the FDC37C93X IR
Option Register, Serial Port 2, Logical Device 5,
Register 0xF1. Provisions have been made in
legacy devices to accommodate IR Mode
selection
through
either
the
chip-level
configuration registers or the IrCC Block Control
bits; i.e., the last write from either source
determines the current mode selection and is
visible in both registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com