Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 6 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 6 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 2Page - SMSC Corporation IRCC Datasheet HTML 3Page - SMSC Corporation IRCC Datasheet HTML 4Page - SMSC Corporation IRCC Datasheet HTML 5Page - SMSC Corporation IRCC Datasheet HTML 6Page - SMSC Corporation IRCC Datasheet HTML 7Page - SMSC Corporation IRCC Datasheet HTML 8Page - SMSC Corporation IRCC Datasheet HTML 9Page - SMSC Corporation IRCC Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
6
Table 6 - SYSTEM Signals
NAME
SIZE (BITS)
TYPE
DESCRIPTION
CLK
1
Input
System Clock
RESET
1
Input
IrCC System Reset
Power Down
1
Input
Low Power Control
DMAEN
1
Output
DRQ Tristate Control
IRQEN
1
Output
IRQ Tristate Control
nACE
1
Input
ACE 550 Register Bank Select
nSCE
1
Input
SCE Register Bank Select
VCC
Power
System Supply
GND
Power
System Ground
DMAEN
DMAEN is used by the chip-level interface to
tristate the IrCC DRQ output when the DMA
Enable bit is inactive. The DMA Enable bit is
located in SCE Configuration Register B, bit 0.
IRQEN
IRQEN is used by the chip-level interface to
tristate the IrCC IRQ output when the OUT2 bit is
inactive.
The OUT2 bit is located in 16550A
MODEM Control Register.
Power Down
The Power Down pin is used by the chip-level
interface to put the SCE into low power mode.
NOTE: Power Down does not force the ACE550
into low power mode.
CHIP-LEVEL CONFIGURATION CONTROLS
The following signals come from chip-level
configuration registers. There are two types of
Chip-Level Configuration Controls: IrCC-Specific
controls, and Legacy Controls. Both types have
equivalent controls in either the IrCC ACE or
SCE Registers.
The IrCC-Specific controls have been newly
added primarily to support the IrCC block.
Provisions have been made in new chip-level
configuraton contexts to accommodate these
signals.
The Legacy controls already exist in other
contexts. Provisions have been made in legacy
devices to accommodate these controls from
either the Chip-Level Configuration Registers or
the IrCC Registers; i.e., the last updated value
from either source determines the current control
state and is visible in both registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com