Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 55 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 55 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 51Page - SMSC Corporation IRCC Datasheet HTML 52Page - SMSC Corporation IRCC Datasheet HTML 53Page - SMSC Corporation IRCC Datasheet HTML 54Page - SMSC Corporation IRCC Datasheet HTML 55Page - SMSC Corporation IRCC Datasheet HTML 56Page - SMSC Corporation IRCC Datasheet HTML 57Page - SMSC Corporation IRCC Datasheet HTML 58Page - SMSC Corporation IRCC Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
55
SCE
DESCRIPTION
The SCE is a half-duplex synchronous serial
communications controller that controls data flow
between the Bus Interface I/O block and the IrDA
FIR
and
Consumer
IR
(TV
Remote)
Encoders (Figure 20). The SCE also includes
partial full-duplex loopback functionality for
diagnostic testing.
Bit rates from .4Kbps to
4Mbps are supported. All of the SCE register
controls are located in the nSCE-addressable 8-
bit Register Blocks.
FRAMING
The SCE operates with and without framing.
With framing implies that the SCE works with the
IrDA FIR encoder/decoder so the required
symbols for the non-payload data portions of the
.576Mbps, 1.152Mbps and 4Mbps packets can
be generated.
Without framing implies that the
SCE acts simply as serial-to-parallel converter
for the Consumer IR (TV Remote) encoder/
decoder.
ACTIVE FRAME INDICATOR
The SCE signal nActiveFrame is a PLA state
variable that is synchronized to both IrDA FIR
and
Consumer
IR
message
frames.
nActiveFrame cycles high and low for each
message frame, regardless of the state of the
Brick Wall bit. nActiveFrame is primarily used to
trigger active frame interrupts and to advance the
Message Count bits that control hardware
access to the Line Status Registers.
IrDA Modes
Transmit
nActiveFrame goes active as soon as the IrDA
transmitter
initiates
a
BOF
sequence.
nActiveFrame becomes inactive as soon as the
IrDA transmitter completes an EOF sequence.
In the case of a transmit abort, nActiveFrame
becomes inactive as soon as the IrDA transmitter
completes the abort sequence.
Receive
nActiveFrame goes active as soon as the IrDA
receiver detects valid payload data; i.e., after a
valid BOF sequence.
nActiveFrame becomes
inactive as soon as the IrDA receiver detects an
EOF sequence. In the case of a FIFO Overrun
or abort, nActiveFrame becomes inactive as
soon as the IrDA receiver updates the status
register and signals the End of Message.
Serial-to-Parallel
Converter
Parallel-to-Serial
Converter
16/32-bit
CRC Generator
16/32-bit
CRC Checker
8
1
8
1
Timing
&
Control
Transmit
Receive
Controls
FIR/TV
Encoder
FIR/TV
Decoder
FIGURE 20 - SCE BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com