Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 20 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 20 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 16Page - SMSC Corporation IRCC Datasheet HTML 17Page - SMSC Corporation IRCC Datasheet HTML 18Page - SMSC Corporation IRCC Datasheet HTML 19Page - SMSC Corporation IRCC Datasheet HTML 20Page - SMSC Corporation IRCC Datasheet HTML 21Page - SMSC Corporation IRCC Datasheet HTML 22Page - SMSC Corporation IRCC Datasheet HTML 23Page - SMSC Corporation IRCC Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 79 page
background image
20
The SIR Interaction Pulse is controlled by the
IrCC configuration register SIP ENABLE bit and
a timer. The IrCC transmits an SIR Interaction
Pulse every 500ms when the SIP enable is
active, an IrDA FIR mode has been selected,
and the transmitter or receiver is not otherwise
engaged.
The timer that controls the SIP pulse is reset
whenever 1) the SIP enable is inactive, 2) an
active FIR frame is being transmitted or received
or, 3) during an active SIP pulse. The timer is
decrementing whenever the SIP enable bit is
active and the SIP pulse generator, the
transmitter, and the receiver are inactive. When
the timer reaches zero, the SIP pulse generator
is activated (Figure 13).
1.6us
8.7us
SIP
ActiveSIP
Time
FIGURE 12 - SIR INTERACTION PULSE
Active Frame
SIP Enable
Reset SIP
Timer
SIP Timer
Countdown
Active SIP
Time
SIP Timer
Zero
FIGURE 13 - SIP CONTROL TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com