Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 14 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 14 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 10Page - SMSC Corporation IRCC Datasheet HTML 11Page - SMSC Corporation IRCC Datasheet HTML 12Page - SMSC Corporation IRCC Datasheet HTML 13Page - SMSC Corporation IRCC Datasheet HTML 14Page - SMSC Corporation IRCC Datasheet HTML 15Page - SMSC Corporation IRCC Datasheet HTML 16Page - SMSC Corporation IRCC Datasheet HTML 17Page - SMSC Corporation IRCC Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 79 page
background image
14
IrDA SIR AND SHARP ASK IR INTERFACE
This infrared interface provides a two-way
wireless communications port using infrared as a
transmission
medium.
Two
infrared
implementations have been provided in this block
of the IrCC, IrDA SIR and Sharp ASK IR.
IrDA SIR allows serial communication at baud
rates up to 115K Baud.
Each word is sent
serially beginning with a zero value start bit. A
zero is signaled by sending a single infrared
pulse at the beginning of the serial bit time. A
one is signaled by sending no infrared pulse
during the bit time. Please refer to Figure 7-
Figure 10 for the parameters of these pulses and
the IrDA waveform.
The ASK infrared allows serial communication at
baud rates up to 19.2K Baud. Each word is sent
serially beginning with a zero value start bit. A
zero is signaled by sending a 500KHz waveform
for the duration of the serial bit time.
A one is signaled by sending no transmission
during the bit time. Please refer to the AC timing
for the parameters of the ASKIR waveform.
If the Half Duplex option is chosen, there is a
time-out when the direction of the transmission is
changed.
This time-out starts at the last bit
transferred during a transmission and blocks the
receiver input until the time-out expires. If the
transmit buffer is loaded with more data before
the time-out expires, the timer is restarted after
the new byte is transmitted. If data is loaded into
the transmit buffer while a character is being
received, the transmission will not start until the
time-out expires after the last receive bit has
been received.
If the start bit of another
character is received during this time-out, the
timer is restarted after the new character is
received. The time-out is programmable up to a
maximum of 10ms through the IR Half-Duplex
Time-Out Configuration Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com