Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 12 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 12 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 8Page - SMSC Corporation IRCC Datasheet HTML 9Page - SMSC Corporation IRCC Datasheet HTML 10Page - SMSC Corporation IRCC Datasheet HTML 11Page - SMSC Corporation IRCC Datasheet HTML 12Page - SMSC Corporation IRCC Datasheet HTML 13Page - SMSC Corporation IRCC Datasheet HTML 14Page - SMSC Corporation IRCC Datasheet HTML 15Page - SMSC Corporation IRCC Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
12
Receive Carrier Sense
The Programmable Receive Carrier Sense
register is used to program the Consumer IR
decoder to detect the presence of IR energy in a
wide-to-narrow range of carrier frequencies. The
register is two bits wide.
The range values are shown in Table 11.
Carriers that fall outside of the Receive Carrier
range sensitivity “abort” the message; i.e., the
Abort bit is set, an EOM Interrupt is generated,
and the receiver is disabled. If the “Carrier Off”
bit is active, the Receive Carrier range sensitivity
is disabled.
Table 11 - Receive Carrier Sense Range
D1
D0
RANGE
0
0
±10%
0
1
±20%
1
0
±40%
1
1
reserved
10
1
SCE T x Data
T V Tx Output
T ransmitter
TV Rx Input
SCE Rx Data
Receiver
1/Carrier
1/Bit Rate
No Light
Light
Light
No Light
Tx Polarity bit = 1
Rx Polarity bit = 0
FIGURE 5 - TV REMOTE ASK ENCODE/DECODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com