Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 64 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 64 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 60Page - SMSC Corporation IRCC Datasheet HTML 61Page - SMSC Corporation IRCC Datasheet HTML 62Page - SMSC Corporation IRCC Datasheet HTML 63Page - SMSC Corporation IRCC Datasheet HTML 64Page - SMSC Corporation IRCC Datasheet HTML 65Page - SMSC Corporation IRCC Datasheet HTML 66Page - SMSC Corporation IRCC Datasheet HTML 67Page - SMSC Corporation IRCC Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
64
Initialization
The FIFO must be loaded with the appropriate
transmit data while the Block Control bits in SCE
Configuration Register A are set to the required
transfer mode with the SCE MODES bits set to
Transmit/Receive Disabled. Enough room must
remain in the FIFO for receive data.
The
Loopback Transmit CRC bit (D6) in SCE
Configuration Register B must be initialized for
the appropriate CRC response during loopback
testing.
The Data Size registers must be
properly initialized to constrain the loopback
function so that received data is not re-
transmitted. The Rx Data Size register is
required for Consumer IR Loopback tests and
the Tx Data Size register is required for IrDA FIR
Loopback tests. The RX Data Size register must
be programmed with one less than the total
number of bytes in the CIR loopback test; i.e.,
Test_byte_count_1. Proper programming of the
Tx Data Size register depends upon the state of
the CRC Select and Loopback Tx CRC bits. The
FIFO Threshold is not used for loopback tests.
The Tx Polarity and Rx Polarity bits must be the
same state for loopback tests. Set the Loopback
bit in SCE Configuration Register B to begin the
loopback test.
Retrieving Results
The loopback test data can be read from the
FIFO immediately following the End-of-Message;
i.e., the Loopback bit does not need to be reset,
nor does the FIFO need to be explicitly re-
configured for ISA bus access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com