Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 36 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 36 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 32Page - SMSC Corporation IRCC Datasheet HTML 33Page - SMSC Corporation IRCC Datasheet HTML 34Page - SMSC Corporation IRCC Datasheet HTML 35Page - SMSC Corporation IRCC Datasheet HTML 36Page - SMSC Corporation IRCC Datasheet HTML 37Page - SMSC Corporation IRCC Datasheet HTML 38Page - SMSC Corporation IRCC Datasheet HTML 39Page - SMSC Corporation IRCC Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
36
REGISTER BLOCK TWO
Register Block Two contains the Consumer IR
(TV Remote) encoder/decoder configuration
registers (Table 24).
Table 24 - Register Block Two
Address
Direction
Description
Default
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
R/W
Consumer IR (TV Remote) Control Register
'00'hex
sync
bit
carrier
off
carrier range
bits
0
0
1
R/W
Consumer IR Carrier Rate Register
'29'hex
0
1
0
R/W
Consumer IR Bit Rate Register
'37'hex
0
1
1
1
0
0
1
0
1
1
1
0
Consumer IR Control Register (Address 0)
Sync Bit, bit 7
The Sync Bit enables the receiver bit-rate clock
synchronization mechanisim. When the Sync bit
is one, receiver edge synchronization is enabled.
Carrier Off, bit 2
The Carrier Off bit bypasses the Consumer IR
Carrier generator/receiver. When the Carrier Off
bit is one, the transmitter outputs a non-
modulated SCE NRZ serial data stream at the
programmed bit rate. Also, when the Carrier Off
bit is one, the receiver does not attempt to
demodulate a carrier from the incoming data
stream and samples the state of the PIN diode at
the programmed bit rate.
Carrier Range, bits 0 - 1
The Consumer IR Carrier Range Bits set the
carrier detect sensitivity of the receiver.
The
effects of this register are shown in Table 11 -
Receive Carrier Sense Range.
Consumer IR Carrier Rate Register
(Address 1)
The
Consumer
IR
Carrier
Rate
Register
programs the ASK carrier frequency divider. The
effects of this register are shown in Table 9-
Representative Carrier Frequencies.
Consumer IR Bit Rate Register (Address2)
The Consumer IR Bit Rate Register programs
the transmit and receive bit-rate divider.
The
effects of this register are shown in Table 10 -
Representative Bit Rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com