Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 57 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 57 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 53Page - SMSC Corporation IRCC Datasheet HTML 54Page - SMSC Corporation IRCC Datasheet HTML 55Page - SMSC Corporation IRCC Datasheet HTML 56Page - SMSC Corporation IRCC Datasheet HTML 57Page - SMSC Corporation IRCC Datasheet HTML 58Page - SMSC Corporation IRCC Datasheet HTML 59Page - SMSC Corporation IRCC Datasheet HTML 60Page - SMSC Corporation IRCC Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 79 page
background image
57
Transmit Timing
The SCE IrDA-mode transmitter is enabled by
setting the appropriate SCE MODES bits in SCE
Line Control Register B. If the FIFO Threshold is
zero, message transmission begins as soon as
transmit mode has been enabled and there is
data in the FIFO (Figure 22).
If the FIFO Threshold is greater than zero,
message transmission begins only after transmit
mode has been enabled and the FIFO Threshold
has been exceeded or TC is active (Figure 23).
NOTE: the IrDA-mode SCE transmitter will only
be enabled when the SIR Interaction Pulse
generator is inactive.
Once an IrDA transmission has begun, the End
of Message (EOM) and other state indicators are
cleared and the nActive Frame signal is enabled.
Following the frame check sequence, EOM is
reactivated and an EOM interrupt is generated.
Following the end of the frame, nActive Frame is
disabled (Figure 24).
FIFO E m pty
Tx E n a b le
T r an sm it
A c tive SIP T im e
FIGURE 22 - IrDA FIR TRANSMIT ENABLE TIMING: FIFO THRESHOLD = 0
FIFO T h r e s h old
Tx E n a b le
T r an sm it
TC
Ac tiv e S IP T im e
FIGURE 23 - IrDA FIR TRANSMIT TIMING: FIFO THRESHOLD > 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com