Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 67 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 67 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 63Page - SMSC Corporation IRCC Datasheet HTML 64Page - SMSC Corporation IRCC Datasheet HTML 65Page - SMSC Corporation IRCC Datasheet HTML 66Page - SMSC Corporation IRCC Datasheet HTML 67Page - SMSC Corporation IRCC Datasheet HTML 68Page - SMSC Corporation IRCC Datasheet HTML 69Page - SMSC Corporation IRCC Datasheet HTML 70Page - SMSC Corporation IRCC Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 79 page
background image
67
the five bytes written to the FIFO following the
second service request was not enough data to
exceed the FIFO Threshold given the long
interrupt latency.
DMA
The DMA channel works in Single-Byte and
Burst (Demand) Mode. AEN is high during DMA
transfers. The DMA controls are located in SCE
Configuration Register B.
When the DMA
Enable bit (D0) is one, DMA is enabled. The
DMA Burst Mode bit (D1) controls the DMA
mode. DRQ is further gated by the SCE Modes
bits; e.g., DRQ can only be enabled if either
Transmit or Receive mode has been enabled.
During transmit DRQ remains active as long as
the FIFO is not full until TC. During receive DRQ
remains active as long as the FIFO is not empty
until TC.
Single-Byte Mode
Single-Byte mode is enabled by resetting the
DMA Burst bit in SCE Configuration Register B.
Single-Byte DMA transfers one data byte for
each DRQ (Figure 36). Terminal Count occurs
only once, during the last byte of data block.
FIFO Int. Enable
FIFO Interrupt
Service Req.
Satisfied
Data Bytes in FIFO 51 50 49 54 ... 51 50 49 48 47 46 45 44 49 48 ...
Serv. Req. Satisfied
(long int. latency)
1st Service
Request
2nd Service
Request
3rd Service
Request
TxServReq
FIGURE 35 - FIFO INTERRUPT EXAMPLE
DMA Enable
DRQ
I/Ox
nDACK
DMA Burst
AEN
TC
FIGURE 36 - DMA SINGLE-BYTE MODE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com