Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 78 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 78 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 71Page - SMSC Corporation IRCC Datasheet HTML 72Page - SMSC Corporation IRCC Datasheet HTML 73Page - SMSC Corporation IRCC Datasheet HTML 74Page - SMSC Corporation IRCC Datasheet HTML 75Page - SMSC Corporation IRCC Datasheet HTML 76Page - SMSC Corporation IRCC Datasheet HTML 77Page - SMSC Corporation IRCC Datasheet HTML 78Page - SMSC Corporation IRCC Datasheet HTML 79Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 78 / 79 page
background image
AC TIMING
IR RX PULSE REJECTION
ENCODER
PULSE REJECTION
4PPM
≤72.8ns
HDLC 1.152Mbps
≤72.8ns
HDLC .576Mbps
≤145.6ns
IrDA SIR
≤60.0ns
Consumer IR
≤166ns
IRDA 4PPM
Bit Rate Tolerance
TBD of Bit Rate
Rx Pulse Width
MIN.
NOM.
MAX.
Single Pulse
85ns
125ns
TBD
Double Pulse
210ns
250ns
290ns
IRDA HDLC
Bit Rate Tolerance
TBD of Bit Rate Max
Rx Pulse Width
MIN.
NOM.
MAX.
.576Mbps
TBD
434ns
TBD
1.152Mbps
TBD
217ns
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com