Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 31 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 31 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 27Page - Analog Devices LTC6953 Datasheet HTML 28Page - Analog Devices LTC6953 Datasheet HTML 29Page - Analog Devices LTC6953 Datasheet HTML 30Page - Analog Devices LTC6953 Datasheet HTML 31Page - Analog Devices LTC6953 Datasheet HTML 32Page - Analog Devices LTC6953 Datasheet HTML 33Page - Analog Devices LTC6953 Datasheet HTML 34Page - Analog Devices LTC6953 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
LTC6953
31
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Figure 21. Common EZS_SRQ Input Interface Configurations. All ZO Signal Traces Are 50Ω Transmission Lines
750Ω
50Ω
50Ω
100Ω
100Ω
100Ω
130Ω
130Ω
100Ω
150Ω
150Ω
DC-COUPLED DIFFERENTIAL LVDS
LTC6953
LVDS
6953 F21
Z0
Z0
LTC6953
CML
DC-COUPLED DIFFERENTIAL CML*
LTC6953
1.8V TO 3.3V
CMOS
1.8V TO 3.3V CMOS
Z0
Z0
3.3V
LTC6953
LVPECL
DC-COUPLED DIFFERENTIAL LVPECL*
Z0
Z0
* OUTPUT COMMON MODE LEVELS OF DIFFERENTIAL DRIVERS MUST BE
WITHIN THE MIN AND MAX EZS_SRQ INPUT COMMON MODE LEVELS
SPECIFIED IN THE ELECTRICAL CHARACTERISTICS.
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
–
+
–
+
–
+
EZS_SRQ INPUT
The LTC6953’s EZS_SRQ input buffer, shown in Figure 4,
controls synchronization requests and SYSREF requests.
All connections
MUST be DC-coupled and can be either
differential CML or LVPECL, differential LVDS with a level-
shifting network or single-ended 1.8V to 3.3V CMOS into
the EZS_SRQ+ input pin (EZS_SRQ– must be grounded
for CMOS drive). Figure  21 shows the recommended
interface types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com