Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 44 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 44 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 40Page - Analog Devices LTC6953 Datasheet HTML 41Page - Analog Devices LTC6953 Datasheet HTML 42Page - Analog Devices LTC6953 Datasheet HTML 43Page - Analog Devices LTC6953 Datasheet HTML 44Page - Analog Devices LTC6953 Datasheet HTML 45Page - Analog Devices LTC6953 Datasheet HTML 46Page - Analog Devices LTC6953 Datasheet HTML 47Page - Analog Devices LTC6953 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
LTC6953
44
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
JESD204B DESIGN EXAMPLE USING ParallelSync
This design example consists of a system of eight
JESD204B analog-to-digital converters (ADCs) and a
JESD204B compatible FPGA. All of the ADCs and the
FPGA require JESD204B subclass 1 device clocks and
SYSREFs, and the FPGA requires an extra management
clock. Additionally, the ADCs require low noise clocks of
less than 100fs total RMS jitter. This leads to a total of
19 separate signals to generate, with frequencies listed
below. For this example, the SYSREF frequencies for all
devices are the same and should output four pulses upon
a SYSREF request rising edge:
fADC–CLK = 294.912MHz
fFPGA–CLK = 147.456MHz
fFPGA–MGMT = 98.304MHz
fSYSREF = 9.216MHz
To determine which multichip configuration to use, we uti-
lize the flowchart in Figure 10. This example has nine total
JESD204B device clock/SYSREF pairs, eight of which need
to be less than 100fs total jitter. We also need one additional
non-low noise standalone clock for the FPGA. Therefore:
TP = 9
LNP = 8
TS = 1
LNS = 0
Based on these inputs, Figure  10 suggests using the
ParallelSync multichip protocol with LTC6953 reference
distribution topology shown in Figure 9, using one LTC6953
as the reference distribution chip (REF LTC6953) and two
LTC6952s in parallel to generate the clocks (LTC6952 #1
and LTC6952 #2). Figure 29 shows a block diagram of
the full system. Note that OUT0 of the reference LTC6953
is driving the REF± inputs of LTC6952 #1 and OUT1 is
driving the EZS_SRQ± pins of LTC6952 #1. Likewise,
OUT2 of the reference LTC6953 is driving the REF± inputs
of LTC6952 #2 and OUT3 is driving the EZS_SRQ± pins
of LTC6952 #2. All outputs in this configuration are low
RMS jitter (~75fs ADC SNR Method).
Although the ParallelSync design example has been
shown here for reference, most of the design work for it
involves the LTC6952. Please refer to the LTC6952 data
sheet for detailed instructions on programming the ICs
for this example.
SUPPLY BYPASSING AND PCB LAYOUT GUIDELINES
Care must be taken when creating a PCB layout to mini-
mize power supply decoupling and ground inductances.
All power supply V+ pins should be bypassed directly to
the ground plane using either a 0.01µF or a 0.1µF ceramic
capacitor as called out in the Pin Functions section as
close to the pin as possible. Multiple vias to the ground
plane should be used for all ground connections, includ-
ing to the power supply decoupling capacitors.
The package’s exposed pad is a ground connection, and
must be soldered directly to the PCB land. The PCB land
pattern should have multiple thermal vias to the ground
plane for both low ground inductance and also low ther-
mal resistance (see Figure 30 for an example). An example
of grounding for electrical and thermal performance can
be found on the DC2610 layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com