Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 33 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 33 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 29Page - Analog Devices LTC6953 Datasheet HTML 30Page - Analog Devices LTC6953 Datasheet HTML 31Page - Analog Devices LTC6953 Datasheet HTML 32Page - Analog Devices LTC6953 Datasheet HTML 33Page - Analog Devices LTC6953 Datasheet HTML 34Page - Analog Devices LTC6953 Datasheet HTML 35Page - Analog Devices LTC6953 Datasheet HTML 36Page - Analog Devices LTC6953 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
LTC6953
33
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Note that synchronization MUST be performed before a
SYSREF request. The synchronization must be repeated
only if the divider setting is changed or if the divider is
powered down.
Determining Output Modes
All outputs can be programmed as clocks (MODEx = 0),
SYSREFs (MODEx = 1 or 3) or SYNC/SRQ pass-through
outputs (MODEx = 2) using each output’s individual
MODEx bits as described in Table 5 and Table 6. Any out-
put can also be programmed to ignore SYNC and SYSREF
requests by setting that output’s corresponding SRQENx
bit to “0”. Noting that this design example calls for pulsed
SYSREFs (MODEx = 3) and that the FPGA management
clock should always be free running (SRQENx  =  0),
Table 12 summarizes each output’s mode settings.
Table 12. Output Mode Settings for EZSync Standalone
Design Example
OUTPUT
PURPOSE
SRQENx
MODEx
PDx
OUT0
ADC0 SYSREF
1
3
0
OUT1
ADC0 CLK
1
0
0
OUT2
ADC1 SYSREF
1
3
0
OUT3
ADC1 CLK
1
0
0
OUT4
FPGA SYSREF
1
3
0
OUT5
FPGA DEV CLK
1
0
0
OUT6
FPGA MGMT CLK
0
0
0
OUT7
DAC0 SYSREF
1
3
0
OUT8
DAC0 CLK
1
0
0
OUT9
DAC1 SYSREF
1
3
0
OUT10
DAC1 CLK
1
0
0
Determining Output Divider Values
Since the desired frequencies of each output are already
determined, the output divider values can be calculated
using Equation 4. The results are shown in Table 13.
Table 13. Output Divide Settings for EZSync Standalone Design
Example
OUTPUT
PURPOSE
FREQUENCY
(MHz)
DIVIDE VALUE
(Mx)
OUT0
ADC0 SYSREF
12.5
320
OUT1
ADC0 CLK
500
8
OUT2
ADC1 SYSREF
12.5
320
OUT3
ADC1 CLK
500
8
OUT4
FPGA SYSREF
12.5
320
OUT5
FPGA DEV CLK
125
32
OUT6
FPGA MGMT CLK
100
40
OUT7
DAC0 SYSREF
12.5
320
OUT8
DAC0 CLK
4000
1
OUT9
DAC1 SYSREF
12.5
320
OUT10
DAC1 CLK
4000
1
Determining Output Digital Delay Values
The output digital delay is used to control phase relation-
ships between outputs. The minimum delay step is ½
of a period of the incoming input signal. For this design
example, the digital delay is used to place each device’s
SYSREF signal edges into a known phase relationship
to its corresponding device clock, optimized for the set-
up (ts) and hold time (th) requirements for that device.
Assume that the optimum SYSREF edge location for each
device occurs on the first falling clock edge before the
desired SYSREF valid rising clock edge. In other words,
SYSREF should change states ½ of a corresponding
device clock period before the SYSREF valid device clock
edge. Refer to Figure 23 for an example.
Figure 23. SYSREF Edge Timing Example
DEVICE CLOCK
SYSREF
6953F23
SYSREF
TRANSITION
TARGET RANGE
DESIRED SYSREF
VALID CLOCK EDGE
tH
tS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com