Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 29 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 25Page - Analog Devices LTC6953 Datasheet HTML 26Page - Analog Devices LTC6953 Datasheet HTML 27Page - Analog Devices LTC6953 Datasheet HTML 28Page - Analog Devices LTC6953 Datasheet HTML 29Page - Analog Devices LTC6953 Datasheet HTML 30Page - Analog Devices LTC6953 Datasheet HTML 31Page - Analog Devices LTC6953 Datasheet HTML 32Page - Analog Devices LTC6953 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
LTC6953
29
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
INTRODUCTION
The purpose of a clock distributor is to take an incom-
ing clock signal of frequency fIN and produce multiple
new clock signals at the same frequency or some other
frequency value divided down from the input frequency.
Each output clock can have its phase individually adjusted
relative to the other clocks through the synchronization
process. Figure  19 shows a typical application of the
LTC6953.
APPLICATIONS INFORMATION
Figure 19. LTC6953 Typical Application
75Ω
30Ω
10nF
10nF
IN+
IN–
M0 DIV, DDEL,
AND ADEL
OUT0
OUT10
M10 DIV, DDEL,
AND ADEL
M1 DIV, DDEL,
AND ADEL
OUT1
LTC6953
(fOUT0)
(fOUT1)
(fOUT10)
(fIN)
÷M0
÷M1
÷M10
6953 F19
CLOCK
GENERATOR
OUTPUT FREQUENCY
For a given input frequency fIN, the output frequency fOUTx
produced at the output of the Mx dividers is given by
Equation 4:
fOUTx =
fIN
Mx
(4)
DIGITAL AND ANALOG OUTPUT DELAYS
Synchronization allows the start times of each output
divider to be delayed by the value programmed into the
digital delay bits (DDELx), expressed in ½ input cycles.
Applications needing to calculate the delay in terms of time
can use Equation 5 where DDELx is DDEL0 to DDEL10:
tDDELx =
DDELx
2 • fIN
(
)
(5)
The analog delay blocks (ADELx) are useful in trimming
signal timing differences caused by non-ideal PCB rout-
ing. This is effective for optimizing setup and hold times
for SYSREFs versus device clocks in JESD204B appli-
cations. Unlike digital delay, adding analog delay will
adversely affect the jitter performance. Add analog delay
to the SYSREF path whenever possible to minimize the
impact on the device clocks. For example, if the SYSREF
signal in a SYSREF/Clock pair is arriving at the destination
device too late, it is better to add one digital delay code to
the device clock and then add analog delay to the SYSREF,
if necessary, to bring it closer to the device clock.
The approximated analog delay time can be calculated in
picoseconds (ps) by Equations 6 (for ADELx < 32) and
Equation 7 (for ADELx ≥ 32) while adhering to the fre-
quency limitations described in Table 4.
ADELx = 1 to 31:
t ADEL = [ 11.25 • ADELx + 93.8
(
)
–2.5
+
0.00285 • fOUT
(
)
2.5
] –0.4
(6)
ADELx = 32 to 63:
t ADEL = [ 26 • ADELx – 517
(
)
–2.5
+
0.00125 • fOUT
(
)
2.5
] –0.4
(7)
where fOUT is the output frequency in GHz. The
LTC6952Wizard may be used for analog delay calcula-
tion and visualization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com