Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 40 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 40 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 36Page - Analog Devices LTC6953 Datasheet HTML 37Page - Analog Devices LTC6953 Datasheet HTML 38Page - Analog Devices LTC6953 Datasheet HTML 39Page - Analog Devices LTC6953 Datasheet HTML 40Page - Analog Devices LTC6953 Datasheet HTML 41Page - Analog Devices LTC6953 Datasheet HTML 42Page - Analog Devices LTC6953 Datasheet HTML 43Page - Analog Devices LTC6953 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
LTC6953
40
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
2. For each device clock/SYSREF pair, subtract half a
device clock period from DDELSYSvalid to find the
SYSREF delay. This is equivalent to subtracting the
corresponding divide value of the device clock:
DDELADC–SYS´ = DDELSYSvalid – MADC–CLK
DDELADC–SYS´ = 32 – 8 = 24
DDELDAC–SYS´ = DDELSYSvalid – MDAC–CLK
DDELDAC–SYS´ = 32 – 1 = 31
DDELFPGA–SYS´ = DDELSYSvalid – MFPGA–CLK
DDELFPGA–SYS´ = 32 – 32 = 0
3. Adjust for CONTROLLER vs FOLLOWER outputs.
Any CONTROLLER output that is synchronous with
the FOLLOWER must have the delay offset from
Equation 8 added to its DDEL value. FOLLOWER out-
puts need no adjustment. For this example, the ADC
CLKs and SYSREFs come from the CONTROLLER:
DDELADC–CLK = DDELADC–CLK´ + DDELFS–OS
DDELADC–CLK = 32 + 14 = 46
DDELADC–SYS = DDELADC–SYS´ + DDELFS–OS
DDELADC–SYS = 24 + 14 = 38
DDELDAC–CLK = DDELDAC–CLK´ + 0 = 32
DDELDAC–SYS = DDELDAC–SYS´ + 0 = 31
DDELFPGA–CLK = DDELFPGA–CLK´ + 0 = 32
DDELFPGA–SYS = DDELFPGA–SYS´ + 0 = 0
Even though CONTROLLER OUT9 is only passing
through the SYNC/SRQ pulse, its digital delay should
be set so that its edges occur at the same time as
the latest occurring SYSREF in the overall system.
This is to ensure that future SYSREF requests are
aligned properly. Note that the delay offset from 8
will need to be added as well since it is located on
the CONTROLLER part. The latest occurring SYSREF
is the DAC SYSREF, therefore:
DDELOUT9 = DDELDAC–SYS + DDELFS–OS
DDELOUT9 = 31 + 14 = 45
The follower-driver digital delay is set to 0 in this
example:
DDELFD = DDELOUT8 = 0
Table 18 summarizes the DDEL settings for all outputs.
Table 18. O]utput DDELx Settings for EZSync Multichip Design
Example
IC
OUTPUT
PURPOSE
DDELx
OUT0
ADC0 SYSREF
38
OUT1
ADC0 CLK
46
OUT2
ADC1 SYSREF
38
OUT3
ADC1 CLK
46
OUT4
ADC2 SYSREF
38
OUT5
ADC2 CLK
46
OUT6
ADC3 SYSREF
38
OUT7
ADC3 CLK
46
OUT8
FOLLOWER Input
0
OUT9
FOLLOWER EZS_SRQ
45
OUT10
FPGA MGMT CLK
0
OUT0
Unused
N/A
OUT1
FPGA SYSREF
0
OUT2
FPGA DEV CLK
32
OUT3
DAC0 SYSREF
31
OUT4
DAC0 CLK
32
OUT5
DAC1 SYSREF
31
OUT6
DAC1 CLK
32
OUT7
DAC2 SYSREF
31
OUT8
DAC2 CLK
32
OUT9
DAC3 SYSREF
31
OUT10
DAC3 CLK
32
Now that the output divider and delays have been deter-
mined, the ICs can be programmed.
Status Register Programming
This example will use the STAT pin to alert the system
whenever the LTC6953 generates a fault condition. For
the CONTROLLER and FOLLOWER, program x[3] = 1 to
force the STAT pin high whenever the VCOOK flag asserts:
CONTROLLER Reg01 = h08
FOLLOWER Reg01 = h08
Power and FILT Register Programming
For correct operation on both CONTROLLER and
FOLLOWER, all internal blocks should be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com