Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 2Page - Analog Devices LTC6953 Datasheet HTML 3Page - Analog Devices LTC6953 Datasheet HTML 4Page - Analog Devices LTC6953 Datasheet HTML 5Page - Analog Devices LTC6953 Datasheet HTML 6Page - Analog Devices LTC6953 Datasheet HTML 7Page - Analog Devices LTC6953 Datasheet HTML 8Page - Analog Devices LTC6953 Datasheet HTML 9Page - Analog Devices LTC6953 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
LTC6953
6
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tADELx
Output Analog Delay (x = 0 to 10)
ADELx = 0
0
ps
ADELx = 1, fOUTx ≤ 300MHz
90
ps
ADELx = 63, fOUTx ≤ 300MHz
1100
ps
Output Analog Delay (x = 0 to 10),
Step Size
ADELx = 1 to 31, fOUTx ≤ 300MHz
11
ps
ADELx = 32 to 63, fOUTx ≤ 300MHz
26
ps
Output Analog Delay (x = 0 to 10)
300MHz ≤ fOUTx ≤ 2.25GHz
Note 4
ps
Maximum Output Frequency for Analog
Delay
2.25
GHz
Temperature Coefficient of Analog Delay
ADELx = 1 to 31
l
0.06
%/°C
ADELx = 32 to 63
l
0.06
%/°C
CML Clock Outputs (OUT0+, OUT0–, OUT1+, OUT1–, OUT2+, OUT2–, OUT10+, OUT10–)
fOUT
Output Frequency
Differential Termination = 100Ω,
MODEx = 0 (Clock Mode)
l
0
4500
MHz
Differential Termination = 100Ω,
MODEx = 1, 2 or 3 (SYSREF Modes)
l
0
150
MHz
VOD
Output Differential Voltage
Differential Termination = 100Ω
l
350
440
520
mVPK
Output Resistance
Differential
100
Ω
Output Common Mode Voltage
Differential Termination = 100Ω
VOUT+ – 1.0
V
tRISE
Output Rise Time, 20% to 80%
Differential Termination = 100Ω
50
ps
tFALL
Output Fall Time, 80% to 20%
Differential Termination = 100Ω
50
ps
Output Duty Cycle
Differential Termination = 100Ω
l
45
50
55
%
tPD
Propagation Delay from IN± to OUT10
fIN = 4500MHz, Mx = 16
l
335
ps
Propagation Delay from IN± to OUT10,
Temperature Variation
fIN = 4500MHz, Mx = 16
0.35
ps/°C
tSKEW
Skew, All Outputs (Note 13)
One Part, All Mx the Same, Even or 1
±10
±35
ps
One Part, Any Mx
±30
ps
Additional Output Delay, Mx = Odd vs Mx
= 1 or Even
Mx = 5, 11, 15, 17, 19, 25 or 27
4
ps
Mx = 3, 7, 9, 13, 21, 23, 29 or 31
15
ps
Power Supply Voltages
VREF+ Supply Range
l
3.15
3.3
3.45
V
VOUT+ Supply Range
l
3.15
3.3
3.45
V
VD+ Supply Range
l
3.15
3.3
3.45
V
VIN+ Supply Range
l
3.15
3.3
3.45
V
Power Supply Currents
IDDOUT
Sum VOUT+ Supply Currents
All Outputs Enabled (Note 5)
l
732
TBD
mA
Typical JESD204B Application (Note 6)
l
570
mA
PDALL = 1
500
µA
ICC – 3.3V Sum VD+, VREF+, VIN+ Supply Currents
Digital Inputs at Supply Levels
l
98
TBD
mA
Digital Inputs at Supply Levels, PDALL = 1
l
500
µA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VREF+ = VD+ = VIN+ = VOUT+ = 3.3V unless otherwise specified
(Note 2). All voltages are with respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com