Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 20Page - Analog Devices LTC6953 Datasheet HTML 21Page - Analog Devices LTC6953 Datasheet HTML 22Page - Analog Devices LTC6953 Datasheet HTML 23Page - Analog Devices LTC6953 Datasheet HTML 24Page - Analog Devices LTC6953 Datasheet HTML 25Page - Analog Devices LTC6953 Datasheet HTML 26Page - Analog Devices LTC6953 Datasheet HTML 27Page - Analog Devices LTC6953 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
LTC6953
24
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
The 7 most significant bits of the first byte are the register
address, with an LSB of “1” indicating a read from the
part, and LSB of “0” indicating a write to the part. The sub-
sequent byte or bytes, is data from/to the specified reg-
ister address. See Figure 13 for an example of a detailed
write sequence and Figure 14 for a read sequence.
Figure 15 shows an example of two write communica-
tion bursts. The first byte of the first burst sent from the
serial bus master on SDI contains the destination reg-
ister address (ADDRX) and an LSB of “0” indicating a
write. The next byte is the data intended for the register
at address ADDRX. CS is then taken high to terminate the
Figure 13. Serial Port Write Sequence
Figure 14. Serial Port Read Sequence
transfer. The first byte of the second burst contains the
destination register address (ADDRY) and an LSB indicat-
ing a write. The next byte on SDI is the data intended for
the register at address ADDRY. CS is then taken high to
terminate the transfer.
Multiple Byte Transfers
More efficient data transfer of multiple bytes is accom-
plished by using the LTC6953’s register address auto-
increment feature as shown in Figure 16. The serial port
master sends the destination register address in the
first byte and its data in the second byte as before, but
A6 A5 A4 A3 A2
7-BIT REGISTER ADDRESS
Hi-Z
MASTER–CS
MASTER–SCLK
MASTER–SDI
LTC6953–SD0
A1 A0
0 D7 D6 D5 D4 D3 D2 D1 D0
8 BITS OF DATA
0 = WRITE
6953 F13
16 CLOCKS
A6 A5 A4 A3 A2
7-BIT REGISTER ADDRESS
Hi-Z
Hi-Z
A1 A0
1
D7
X
D6 D5 D4 D3 D2 D1 D0 DX
8 BITS OF DATA
1 = READ
6953 F14
MASTER–CS
MASTER–SCLK
MASTER–SDI
LTC6953–SDO
16 CLOCKS
ADDRX + Wr
Hi-Z
MASTER–CS
MASTER–SDI
LTC6953–SDO
BYTE X
ADDRY + Wr
BYTE Y
6953 F15
Figure 15. Serial Port Single Byte Writes
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com