Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 11Page - Analog Devices LTC6953 Datasheet HTML 12Page - Analog Devices LTC6953 Datasheet HTML 13Page - Analog Devices LTC6953 Datasheet HTML 14Page - Analog Devices LTC6953 Datasheet HTML 15Page - Analog Devices LTC6953 Datasheet HTML 16Page - Analog Devices LTC6953 Datasheet HTML 17Page - Analog Devices LTC6953 Datasheet HTML 18Page - Analog Devices LTC6953 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
LTC6953
15
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Any divider can be muted or powered down to save cur-
rent by adjusting its corresponding PDx[1:0] bits. The
description of the PDx[1:0] bits is shown in Table 3.
Table 3. PDx[1:0] Programming
PDx[1:0]
DESCRIPTION
0
Normal Operation
1
Mute Output (OUTx = 0 If OINVx = 0, OUTx = 1 If OINVx = 1),
Internal Divider Remains Running and Synchronized
2
Power-Down Output (Both + and – Outputs Go to VOUT+),
Internal Divider Remains Running and Synchronized
3
Power-Down Divider and Output (Both + and – Outputs
Go to VOUT+), Internal Divider Stops and Must Be
Re-Synchronized Upon Return to Normal Operation
DIGITAL OUTPUT DELAYS (DDEL0 TO DDEL10)
Each output divider can have the start time of the output
delayed by integer multiples of ½ of the input period after
a synchronization event. The digital delay value is pro-
grammed into the DDELx[11:0] bits and can be any value
from 0 to 4095. Digital delays are only enabled when the
synchronization bits SRQENx are set to “1”, and any changes
to the output digital delays will not be reflected until after
synchronization. Digital delay can be used with no degrada-
tion to clock jitter performance. See the Operation section
on Synchronization and the Applications Information sec-
tion for details on the use of the digital delay settings.
ANALOG OUTPUT DELAYS (ADEL0 TO ADEL10)
Each output has a fine analog delay feature to further
adjust its output delay time (tADELX) in small steps con-
trolled by the ADELx[5:0] bits. For output frequencies less
than 300MHz, absolute time delays range from 0 to 1.1ns.
Above 300MHz, the time delay is frequency dependent,
and the valid useful range of ADELx is reduced according
to Table 4.
Table 4. Maximum ADELx vs Output Frequency Range
fOUT RANGE
MAXIMUM ADELx
fOUTx ≤ 750MHz
63
750MHz < fOUTx ≤ 1GHz
31
1GHz < fOUTx ≤ 1.5GHz
16
1.5GHz < fOUTx ≤ 1.75GHz
12
1.75GHz < fOUTx ≤ 2.25GHz
8
fOUTx > 2.25GHz
0
OPERATION
Figure  2 shows the approximate analog delay time
(tADELx) vs ADELx and output frequency. Note that the
y-axis is logarithmic scale, and that analog delay is zero
for ADEL = 0. See the Applications Information section
for a more comprehensive method of calculating expected
analog delay.
Figure 2. Analog Delay Time vs ADEL Code and
Output Frequency
< 300MHz
500MHz
750MHz
1GHz
1.5GHz
1.75GHz
2.25GHz
ADEL CODE
0
10
20
30
40
50
60
80
160
320
640
1280
6953 F02
Use caution when using analog delay on device clocks
as this will degrade jitter. Digital delay should be used
whenever possible since it does not impact performance.
The maximum value of analog delay will never need to be
more than half of an input period.
Analog delays are always enabled regardless of the value
of the SRQENx bits, and they take effect immediately
upon a write to the ADELx registers. However, changes
in ADEL can cause the output to glitch temporarily, espe-
cially switching between ADEL = 0 and ADEL ≠ 0. See the
Applications Information section for details on the use of
the analog delay settings. The LTC6952Wizard may be
used for ADEL calculation and visualization.
CML OUTPUT BUFFERS (OUT0 TO OUT10)
All of the outputs are very low noise, low skew 2.5V CML
buffers. Each output can be either AC- or DC-coupled,
and terminated with 100Ω differentially. If a single-ended
output is desired, each side of the CML output can be
individually AC-coupled and terminated with 50Ω. The
OINVx bits can selectively invert the sense of each out-
put to facilitate board routing without having to cross



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com