Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 5 Page - Analog Devices

  LTC6953 Datasheet HTML 1Page - Analog Devices LTC6953 Datasheet HTML 2Page - Analog Devices LTC6953 Datasheet HTML 3Page - Analog Devices LTC6953 Datasheet HTML 4Page - Analog Devices LTC6953 Datasheet HTML 5Page - Analog Devices LTC6953 Datasheet HTML 6Page - Analog Devices LTC6953 Datasheet HTML 7Page - Analog Devices LTC6953 Datasheet HTML 8Page - Analog Devices LTC6953 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
LTC6953
5
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VREF+ = VD+ = VIN+ = VOUT+ = 3.3V unless otherwise specified
(Note 2). All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
Differential
1.0
pF
CMOS SYNC/SYSREF Request Input (EZS_SRQ+ Only)
High-Level Input Voltage
EZS_SRQ– Tied to GND
l
1.3
V
Low-Level Input Voltage
EZS_SRQ– Tied to GND
l
0.6
V
Input Voltage Hysteresis
EZS_SRQ– Tied to GND
200
mV
Input Current
EZS_SRQ– Tied to GND
l
±1
µA
Differential SYNC/SYSREF Request Inputs (EZS_SRQ+ and EZS_SRQ–)
Input Signal Level
l
0.5
0.8
2.7
VP-P
Self-Bias Voltage
l
1.8
2.1
2.4
V
Input Common Mode Voltage
800mVP-P Differential Input
1.5
3.0
V
Input Resistance
Differential
53
kΩ
Input Capacitance
Differential
1
pF
Digital Pin Specifications
VIH
High-Level Input Voltage
CS, SDI, SCLK, SD
l
1.55
V
VIL
Low-Level Input Voltage
CS, SDI, SCLK, SD
l
0.8
V
VIHYS
Input Voltage Hysteresis
CS, SDI, SCLK, SD
250
mV
Input Current
CS, SDI, SCLK, SD
l
±1
µA
IOH
High-Level Output Current
SDO and STAT, VOH = VD+ – 400mV
l
–3.3
–1.9
mA
IOL
Low-Level Output Current
SDO and STAT, VOL = 400mV
l
2.0
3.4
mA
SDO Hi-Z Current
l
±1
µA
Digital Timing Specifications
tCKH
SCLK High Time
l
25
ns
tCKL
SCLK Low Time
l
25
ns
tCSS
CS Setup Time
l
10
ns
tCSH
CS High Time
l
10
ns
tCS
SDI to SCLK Setup Time
l
6
ns
tCH
SDI to SCLK Hold Time
l
6
ns
tDO
SCLK to SDO Time
To VIH/VIL/Hi-Z with 30pF Load
l
16
ns
EZS_SRQ Timing Specifications
tSRQH
EZS_SRQ High Time
l
1
ms
tSRQL
EZS_SRQ Low Time
l
1
ms
EZS_SRQ Skew, Part to Part
SRQMD = 0, PARSYNC = 0
10
µs
Output Dividers (M0, M1, M2, M3, M4, M5, M6, M7, M8, M9 and M10)
Mx
Output Divider Range (x = 0 to 10)
Mx = P × 2N, Where
P = 1 to 32 All Integers, N = 0 to 7
l
1
4096
counts
DDELx
Output Digital Delay (x = 0 to 10)
½ Input Cycles (Note 3)
l
0
4095
½ cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com