Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 50 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 50 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 46Page - Analog Devices LTC6953 Datasheet HTML 47Page - Analog Devices LTC6953 Datasheet HTML 48Page - Analog Devices LTC6953 Datasheet HTML 49Page - Analog Devices LTC6953 Datasheet HTML 50Page - Analog Devices LTC6953 Datasheet HTML 51Page - Analog Devices LTC6953 Datasheet HTML 52Page - Analog Devices LTC6953 Datasheet HTML 53Page - Analog Devices LTC6953 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
LTC6953
50
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Figure 39. OUTx CML AC Coupled Connections to SYSREF Inputs
for Pulsed Mode Operation
Figure 38. OUTx CML AC Coupled Connections to SYSREF Inputs
for Continuous or Gated Mode Operation
4. After the SYSREFs have been accepted by the receiver
device, set the device to stop accepting SYSREFs.
5. Disable the LTC6953 SYSREF output drivers by set-
ting PDx = 2 and set SRQMD = 0.
USING THE LTC6953 TO DRIVE AC-COUPLED SYSREF
INPUTS IN CONTINUOUS OR GATED MODE
Some converters cannot accept a 2.3V common mode CML
signal. In this situation, the SYSREF must be AC-coupled.
AC-coupling complicates the usage of SYSREF since it is
generally not continuously operational, leading to long
settling time requirements before a SYSREF is requested.
However, AC-coupling on SYSREF can be accomplished
by using the connections shown in Figure 38 for continu-
ous or gated SYSREF pulses (MODEx = 0 or 1). Note that
some receiver devices have the 100Ω termination resis-
tor internal to the part, in which case the external 100Ω
resistor is unnecessary for continuous or gated SYSREFs.
Continuous or Gated SYSREFs (MODEx = 0 or 1)
1. Enable the LTC6953 SYSREF output drivers by setting
PDx = 0 and set SRQMD = 1.
2. If gated SYSREFs (MODEx = 1) are being used, set
SSRQ or the EZS_SRQ inputs to “1”.
3. Wait for a settling period of at least tsettleC.
4. Set the receiver device to accept SYSREFs.
5. After the SYSREFs have been accepted by the receiver
device, set the device to stop accepting SYSREFs.
6. If gated SYSREFs (MODEx = 1) are being used, set
SSRQ or the EZS_SRQ inputs to “0”.
7. Disable the LTC6953 SYSREF output drivers by set-
ting PDx = 2 and set SRQMD = 0.
USING THE LTC6953 TO DRIVE AC-COUPLED SYSREF
INPUTS IN PULSED MODE
If AC-coupling is required for pulsed SYSREF applications
(MODEx = 3), the connections shown in Figure 39 can be
used. Note that some receiver devices have the 100Ω ter-
mination resistor internal to the part. In this situation, the
use of AC-coupled, pulsed SYSREFs is not recommended.
Settling time for continuous or gated SYSREF connec-
tions is determined by the AC-coupling capacitors (CAC),
and both the differential and common mode input resis-
tances of the receiver device (RDIFF and RCM):
tsettleC ≅ 10 • 2RCM +
RDIFF
2
⎛
⎝
⎜
⎞
⎠
⎟ • C AC
Use the following procedure to achieve correct JESD204B
SYSREF behavior for AC-coupled continuous or gated
SYSREFs.
These methods assume that the SYSREF outputs have
already been synchronized and that the SYSREF output
drivers have been disabled for power savings (PDx = 2).
100Ω
CAC
RDIFF /2
RCM
6953 F38
OUTx +
OUTx –
LTC6953
Z0
Z0
ADC, DAC, OR FPGA
SYSREF +
SYSREF –
VCM
RDIFF /2
CAC
RDIFF /2
RDIFF /2
RCM
100Ω
CAC
CAC
R1
R2
ADC, DAC, OR FPGA
SYSREF
+
SYSREF –
VCM
OUTx +
OUTx –
LTC6953
Z0
Z0
VDD
6953 F39
The purpose of R1 and R2 in Figure 39 is to force an
offset at the SYSREF inputs equivalent to a CML logic
“0” when the SYSREF output is not active. The resistors’
values are determined by the supply voltage (VDD) and
the receiver device’s input common mode voltage (VCM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com