Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 14Page - Analog Devices LTC6953 Datasheet HTML 15Page - Analog Devices LTC6953 Datasheet HTML 16Page - Analog Devices LTC6953 Datasheet HTML 17Page - Analog Devices LTC6953 Datasheet HTML 18Page - Analog Devices LTC6953 Datasheet HTML 19Page - Analog Devices LTC6953 Datasheet HTML 20Page - Analog Devices LTC6953 Datasheet HTML 21Page - Analog Devices LTC6953 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
LTC6953
18
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
Table 8. Parameters and Limitations of EZSync and ParallelSync (Two Stages Only)
EZSync
STANDALONE
(SEE
FIGURE 5)
EZSync MULTICHIP
ParallelSync MULTICHIP
PIN CONTROLLED
REQUESTS
(SEE FIGURE 6)
REQUEST PASS-THROUGH
(SEE FIGURE 7)
GENERAL
REFERENCE
DISTRIBUTION
(SEE FIGURE 8)
LTC6953
REFERENCE
DISTRIBUTION
SEE FIGURE 9)
CONTROLLER FOLLOWER
CONTROLLER
FOLLOWER
RMS Jittera
~75fs
~75fs
~105fs
~75fs
~105fs
~75fs
~75fs
Possible Number of Followers
(Nfol)
–
1 to 11
1 to 5
–
–
Possible Number of Parallel Parts
(Npar)
–
–
–
Unlimitedb
1 to 5
Total Number of Outputs
11
11 Nfol
11 Nfol
11 – 2 Nfol
11 Nfol
11 Npar
11 Npar
Maximum Number of Outputs
11
121
56
Unlimitedb
55
Maximum Skew
tSKEW
~ tSKEW + tPDc
~ tSKEW + tPDc
~tSKEWd
~tSKEWd
SYNC Timing
Easy
Easy
Easy
Moderate
Easy
SYSREF Request Timing
Easy
Moderate
Easy
Moderate
Easy
Number of External VCOs
1
1
1
Npar
Npar
Software SYNC/SYSREF Request?
Yes
No
Yes
No
Yes
a Assumes ADC SNR equivalent integrated PLL/VCO RMS jitter contribution of 27fs and additive jitter for distribution-only parts of 70fs.
b The only limitation is the ability to distribute the reference accurately.
c Assumes worst-case skew between CONTROLLER and FOLLOWER outputs. Dependent on propagation delay of FOLLOWER and skew of controller-to-
follower routing.
d Dependent on skew of reference distribution parts, reference routing and individual part-to-part skew.
Table 7. Settings of EZMD and PARSYNC for Different Synchronization Topologies
CONTROL BIT
EZSync STANDALONE
(SEE FIGURE 5)
EZSync MULTICHIP (SEE FIGURES 6 AND 7)
ParallelSync MULTICHIP
(SEE FIGURES 8 AND 9)
CONTROLLER
FOLLOWER
PARSYNC (LTC6952 Only)
0
0
0
1
EZMD
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com