Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 23Page - Analog Devices LTC6953 Datasheet HTML 24Page - Analog Devices LTC6953 Datasheet HTML 25Page - Analog Devices LTC6953 Datasheet HTML 26Page - Analog Devices LTC6953 Datasheet HTML 27Page - Analog Devices LTC6953 Datasheet HTML 28Page - Analog Devices LTC6953 Datasheet HTML 29Page - Analog Devices LTC6953 Datasheet HTML 30Page - Analog Devices LTC6953 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
LTC6953
27
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
ADDR
MSB
[6]
[5]
[4]
[3]
[2]
[1]
LSB
R/W
DEFAULT
h28
MP7[4]
MP7[3]
MP7[2]
MP7[1]
MP7[0]
MD7[2]
MD7[1]
MD7[0]
R/W
h00
h29
SRQEN7
MODE7[1]
MODE7[0]
OINV7
DDEL7[11]
DDEL7[10]
DDEL7[9]
DDEL7[8]
R/W
h00
h2A
DDEL7[7]
DDEL7[6]
DDEL7[5]
DDEL7[4]
DDEL7[3]
DDEL7[2]
DDEL7[1]
DDEL7[0]
R/W
h00
h2B
*
*
ADEL7[5]
ADEL7[4]
ADEL7[3]
ADEL7[2]
ADEL7[1]
ADEL7[0]
R/W
h00
h2C
MP8[4]
MP8[3]
MP8[2]
MP8[1]
MP8[0]
MD8[2]
MD8[1]
MD8[0]
R/W
h00
h2D
SRQEN8
MODE8[1]
MODE8[0]
OINV8
DDEL8[11]
DDEL8[10]
DDEL8[9]
DDEL8[8]
R/W
h00
h2E
DDEL8[7]
DDEL8[6]
DDEL8[5]
DDEL8[4]
DDEL8[3]
DDEL8[2]
DDEL8[1]
DDEL8[0]
R/W
h00
h2F
*
*
ADEL8[5]
ADEL8[4]
ADEL8[3]
ADEL8[2]
ADEL8[1]
ADEL8[0]
R/W
h00
h30
MP9[4]
MP9[3]
MP9[2]
MP9[1]
MP9[0]
MD9[2]
MD9[1]
MD9[0]
R/W
h00
h31
SRQEN9
MODE9[1]
MODE9[0]
OINV9
DDEL9[11]
DDEL9[10]
DDEL9[9]
DDEL9[8]
R/W
h00
h32
DDEL9[7]
DDEL9[6]
DDEL9[5]
DDEL9[4]
DDEL9[3]
DDEL9[2]
DDEL9[1]
DDEL9[0]
R/W
h00
h33
*
*
ADEL9[5]
ADEL9[4]
ADEL9[3]
ADEL9[2]
ADEL9[1]
ADEL9[0]
R/W
h00
h34
MP10[4]
MP10[3]
MP10[2]
MP10[1]
MP10[0]
MD10[2]
MD10[1]
MD10[0]
R/W
h00
h35
SRQEN10
MODE10[1] MODE10[0]
OINV10
DDEL10[11] DDEL10[10]
DDEL10[9]
DDEL10[8]
R/W
h00
h36
DDEL10[7]
DDEL10[6]
DDEL10[5]
DDEL10[4]
DDEL10[3]
DDEL10[2]
DDEL10[1]
DDEL10[0]
R/W
h00
h37
*
*
ADEL10[5]
ADEL10[4]
ADEL10[3]
ADEL10[2]
ADEL10[1]
ADEL10[0]
R/W
h00
h38
REV[3]
REV[2]
REV[1]
REV[0]
PART[3]
PART[2]
PART[1]
PART[0]
R
hx3†
* Unused
† Varies depending on revision
Table 11. Serial Port Register Bit Field Summary
BITS
DESCRIPTION
DEFAULT
ADDR
ADELx[5:0]
OUT0 Analog Delay Setting
0
Various
DDELx[11:0] OUTx Delay in ½ Input Cycles
h000
Various
EZMD
EZSync Mode
0
h0B
FILTV
Input Buffer Filter
0
h02
INVSTAT
Invert STAT Output
0
h01
MDx[2:0]
OUTx 2N Value
0
Various
MODEx[1:0] SYSREF Mode (SRQENx = 1):
0 = Free Run
1 = Gated Pulses
2 = Request Pass-Through
3 = 2SYSCT Pulses
0
Various
MPx[4:0]
OUTx Prescaler Value
h0
Various
OINVx
OUTx Inversion
0
Various
PART[3:0]
Part Code (h2 = 6952, h3 = 6953)
h38
PDALL
Full Chip Power-Down
0
h02
PDVCOPK
Powers Down Input Signal Detector
0
h02
PDx[1:0]
OUTx Power-Down Mode:
0 = Normal Operation
1 = Output Muted to Logic “0”
2 = Power-Down Output
Driver
3 = Power-Down Full Divider
h0
Various
POR
Force Power-On-Reset
0
h02
BITS
DESCRIPTION
DEFAULT
ADDR
REV[3:0]
Revision Code
h38
SRQENx
Enable SYNC or SYSREF on OUTx
0
Various
SRQMD
0 = Synchronization Mode
1 = SYSREF Request Mode
0
h0B
SSRQ
Software SYNC or SYSREF
Request
0
h0B
SYSCT[1:0]
SYSREF Pulse Count for
MODEx = 3:
0 = One Pulse
1 = Two Pulses
2 = Four Pulses
3 = Eight Pulses
h3
h0B
TEMPO
Enable temperature Measurement
Diode on STAT
h05
VCOOK
Input Valid Flag
h00
VCOOK
Input Not Valid Flag
h00
x[6:0]
STAT Output OR Mask
h04
h01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com