Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 28Page - Analog Devices LTC6953 Datasheet HTML 29Page - Analog Devices LTC6953 Datasheet HTML 30Page - Analog Devices LTC6953 Datasheet HTML 31Page - Analog Devices LTC6953 Datasheet HTML 32Page - Analog Devices LTC6953 Datasheet HTML 33Page - Analog Devices LTC6953 Datasheet HTML 34Page - Analog Devices LTC6953 Datasheet HTML 35Page - Analog Devices LTC6953 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
LTC6953
32
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Figure 22. Block Diagram for JESD204B EZSync Standalone Design Example
M0
EZS_SRQ±
SYNC AND
SYSREF CTRL
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
SSRQ BIT
ADC0
SYSREF
CLK
ADC1
SYSREF
CLK
DEV CLK
SYSREF
MGMT CLK
FPGA
SYSREF
SYSREF
CLK
CLK
DAC1
DAC0
LTC6953
IN±
INPUT/OUTPUT TERMINATIONS AND
AC-COUPLING CAPS NOT SHOWN.
6953 F22
CLOCK
GENERATOR
JESD204B DESIGN EXAMPLE USING EZSync
STANDALONE
This design example consists of a system of two JESD204B
analog-to-digital converters (ADCs), two JESD204B digi-
tal-to-analog converters (DACs) and a JESD204B compat-
ible FPGA. All of the data converters (ADCs and DACs) and
the FPGA require JESD204B subclass 1 device clocks and
SYSREFs, and the FPGA requires an extra management
clock. Additionally, the ADCs require a low noise clock
of less than 100fs total RMS jitter. This leads to a total
of 11 separate signals to generate, with frequencies listed
below. For this example, the SYSREF frequencies for all
devices are the same and should output four pulses upon
a SYSREF request rising edge:
fADC-CLK = 500MHz
fDAC-CLK = 4000MHz
fFPGA-CLK = 125MHz
fFPGA-MGMT = 100MHz
fSYSREF = 12.5MHz
Since the total number of outputs is 11, a single LTC6953
can be used to generate all of the outputs needed as
shown in Figure 22. Note that termination resistors and
AC-coupling caps are not shown for clarity.
Input Assumptions
For this example, assume the input is driven by an exter-
nal clock generator with a frequency of 4000MHz.
fIN = 4000MHz
Design Procedure
Designing and enabling this clock distribution solution
consists of the following steps:
1. Determine all output modes.
2. Determine all M divider values.
3. Determine all digital delay values.
4. Program the IC with the correct divider values, output
delays, and other settings.
5. Synchronize the outputs.
6. Place the SYSREF outputs in a lower power mode until
the next SYSREF request (optional, see Operations
section).
7. Place IC into SYSREF request mode and send a
SYSREF request when needed.
8. Return the IC into SYNC mode (SRQMD = 0) and
place the SYSREF outputs into a lower power mode
for power savings (optional).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com