Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 53 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 53 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 48Page - Analog Devices LTC6953 Datasheet HTML 49Page - Analog Devices LTC6953 Datasheet HTML 50Page - Analog Devices LTC6953 Datasheet HTML 51Page - Analog Devices LTC6953 Datasheet HTML 52Page - Analog Devices LTC6953 Datasheet HTML 53Page - Analog Devices LTC6953 Datasheet HTML 54Page - Analog Devices LTC6953 Datasheet HTML 55Page - Analog Devices LTC6953 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
LTC6953
53
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL APPLICATIONS
Generation of Up to 125 ADC Clock/SYSREF Pairs Using a Three-Stage Synchronization Architecture: Schematics
61.9Ω
1µF
100Ω
160Ω
100Ω
100Ω
100Ω
33nF
22nF
48.7Ω
1.2µF
48.7Ω
0.1µF
75Ω
30Ω
0.1µF
0.47µF
1µF
1µF
1µF
LTC6953
IN+
IN–
EZS_SRQ+
EZS_SRQ–
CRYSTEK
CCHD-575-25-100
100MHZ REF OSC
LTC6953 #3
LTC6952 #11
REF±
CP
STAGE 1
STAGE 2
STAGE 3
IN+
IN –
EZS_SRQ+
EZS_SRQ–
OUT(x)+
OUT(x)–
OUT(x + 1)+
OUT(x + 1)–
STAGE 1 LTC6953
OUTPUTS
STAGE 2 LTC6953
INPUTS
DC-COUPLED
DC-COUPLED
REF +
REF –
EZS_SRQ+
EZS_SRQ–
OUT(x)+
OUT(x)–
OUT(x + 1)+
OUT(x + 1)–
STAGE 2 LTC6953
OUTPUTS
STAGE 3 LTC6952
INPUTS
DC-COUPLED
CRYSTEK
CVCO55CC-
4000-4000
VCO+
VCO –
VTUNE
12.5MHz SYSREF
500MHz CLOCK
500MHz CLOCK
4GHz CLOCK
4GHz CLOCK
125MHz CLOCK
100MHz CLOCK
OUT10±
OUT6±
OUT7±
OUT8±
OUT9±
OUT0±
OUT1±
OUT2±
OUT3±
OUT4±
OUT5±
IN±
EZS_SRQ±
EZS_SRQ±
OUT10±
OUT6±
OUT7±
OUT8±
OUT9±
OUT0±
OUT1±
OUT2±
OUT3±
OUT4±
OUT5±
OUT10±
OUT6±
OUT7±
OUT8±
OUT9±
OUT0±
OUT1±
OUT2±
OUT3±
OUT4±
OUT5±
RF
6953 TAO4
LTC6952 #17
LTC6952 #18
LTC6952 #19
LTC6952 #20
LTC6953 #2
IN±
EZS_SRQ±
OUT10±
OUT6±
OUT7±
OUT8±
OUT9±
OUT0±
OUT1±
OUT2±
OUT3±
OUT4±
OUT5±
OUT10±
OUT6±
OUT7±
OUT8±
OUT9±
OUT0±
OUT1±
OUT2±
OUT3±
OUT4±
OUT5±
LTC6953 #4
IN±
EZS_SRQ±
OUT10±
OUT6±
OUT7±
OUT8±
OUT9±
OUT0±
OUT1±
OUT2±
OUT3±
OUT4±
OUT5±
IN±
EZS_SRQ±
LTC6953 #5
IN±
EZS_SRQ±
LTC6953 #1
OUT10±
OUT6±
OUT7±
OUT8±
OUT9±
OUT0±
OUT1±
OUT2±
OUT3±
OUT4±
OUT5±
LTC6952 #22
LTC6952 #23
LTC6952 #24
LTC6952 #25
LTC6952 #1
LTC6952 #21
LTC6952 #9
LTC6952 #8
LTC6952 #7
LTC6952 #10
LTC6952 #2
LTC6952 #3
LTC6952 #4
LTC6952 #5
LTC6952 #6
LTC6952 #12
LTC6952 #13
LTC6952 #14
LTC6952 #15
LTC6952 #11
STAGE 2
STAGE 3
STAGE 3 DETAILS
FROM STAGE 2
LTC6952 #16
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com