Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 51 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 51 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 47Page - Analog Devices LTC6953 Datasheet HTML 48Page - Analog Devices LTC6953 Datasheet HTML 49Page - Analog Devices LTC6953 Datasheet HTML 50Page - Analog Devices LTC6953 Datasheet HTML 51Page - Analog Devices LTC6953 Datasheet HTML 52Page - Analog Devices LTC6953 Datasheet HTML 53Page - Analog Devices LTC6953 Datasheet HTML 54Page - Analog Devices LTC6953 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
LTC6953
51
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Figure 40. Example of Spurious Measurement Technique
and differential input resistance (RDIFF). Use Equation 14
to calculate R1 and Equation 15 to calculate R2.
R1 = RDIFF •
VCM
0.44 – 0.5
⎡
⎣⎢
⎤
⎦⎥
(14)
R 2 = RDIFF •
VDD – VCM
0.44 – 0.5
⎡
⎣⎢
⎤
⎦⎥
(15)
For receiver devices with internal 100Ω terminations, the
values of R1 and R2 can be very small and will affect the
overall termination impedance, leading to undesirable
impedance mismatch. For this reason, the use of pulsed
SYSREFs (MODEx = 3) AC-coupled into receiver parts
with internal 100Ω terminations is not recommended.
Settling time for pulsed SYSREF connections (Figure 39)
is approximately determined by the AC-coupling capaci-
tors (CAC), both the differential and common mode input
resistance of the receiver device (RDIFF and RCM), and
resistors R1 and R2:
tsettleP ≅ 10 •
RDEV • ROS
RDEV + ROS
⎛
⎝
⎜
⎞
⎠
⎟ • C AC
(16)
where:
RDEV =
2RCM + RDIFF
2
ROS = MINIMUM(R1,R2)
(17)
For pulsed mode SYSREFs to work correctly with
AC-coupling, tsettleP must be greater than 1000/fSYSREF,
where fSYSREF is the frequency of the SYSREF pulses.
Use the following procedure to achieve correct JESD204B
SYSREF behavior for AC-coupled pulsed SYSREFs.
These methods assume that the SYSREF outputs have
already been synchronized and that the SYSREF output
drivers have been disabled for power savings (PDx = 2).
Pulsed SYSREFs (MODEx = 3)
1. Enable the LTC6953 SYSREF output drivers by setting
PDx = 0 and set SRQMD = 1.
2. Wait for a settling period of at least tsettleP.
3. Set the receiver device to accept SYSREFs.
4. Set SSRQ or the EZS_SRQ inputs to “1” for at least
1ms, then set back to “0”.
5. Set the receiver device to stop accepting SYSREFs.
6. Disable the LTC6953 SYSREF output drivers by set-
ting PDx = 2 and set SRQMD = 0.
MEASURING DIFFERENTIAL SPURIOUS SIGNALS
USING SINGLE-ENDED TEST EQUIPMENT
Using a spectrum analyzer to measure spurious signals
on the single-ended output of a clock generation chip
will give pessimistic results, particularly for outputs that
approximate square waves. There are two reasons for
this.
First, since the spurious energy is often an AC signal
superimposed on the power supply, a differential output
will reject the spurs to within the matching of the posi-
tive and negative outputs. Observing only one side of the
differential output will provide no rejection.
Second, and most importantly, the spectrum analyzer will
display all of the energy at its input, including amplitude
modulation that occurs at the top and bottom pedestal
voltage of the square wave. However, only amplitude
modulation near a zero crossing will affect the clock.
The best way to remove this measurement error is to
drive the clock generator output differentially into a limit-
ing buffer on a separate clean power supply. One of the
differential outputs of the limiting buffer can then connect
to a spectrum analyzer to correctly measure the spurious
energy. An example of this technique using the LTC6953
as the clock generator and an LTC6955 as the limiter is
shown in Figure 40.
100Ω
50Ω
OUTx +
OUTx –
6953 F40
LTC6953
OUTx +
OUTx –
LTC6955
IN+
IN –
SPECTRUM
ANALYZER
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com