Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 38 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 38 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 34Page - Analog Devices LTC6953 Datasheet HTML 35Page - Analog Devices LTC6953 Datasheet HTML 36Page - Analog Devices LTC6953 Datasheet HTML 37Page - Analog Devices LTC6953 Datasheet HTML 38Page - Analog Devices LTC6953 Datasheet HTML 39Page - Analog Devices LTC6953 Datasheet HTML 40Page - Analog Devices LTC6953 Datasheet HTML 41Page - Analog Devices LTC6953 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
LTC6953
38
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
shows a block diagram of the full system. OUT8 of the
CONTROLLER LTC6953 is driving the IN± inputs of the
FOLLOWER LTC6953. This output is referred to as the
“follower-driver” output. OUT9 of the CONTROLLER is
driving the EZS_SRQ± pins of the FOLLOWER, and is
therefore the SYNC/SRQ pass-through output. Also notice
that the CONTROLLER clock outputs are the lowest jitter
clocks, and should therefore be used to drive the ADCs.
Input Assumptions
For this example, assume the input to the CONTROLLER
LTC6953 is driven by an external clock generator with a
frequency of 4000MHz.
fIN = 4000MHz
Design Procedure
Designing and enabling this clock distribution solution
consists of the following steps:
1. Determine all output modes for CONTROLLER and
FOLLOWER.
2. Determine all M divider values.
3. Determine all digital delay values.
4. Program the ICs with the correct divider values, out-
put delays, and other settings.
5. Synchronize the outputs.
6. Place the SYSREF outputs in a lower power mode until
the next SYSREF request (optional, see Operations
section).
7. Place ICs into SYSREF request mode and send a
SYSREF request when needed.
8. Return the IC into SYNC mode (SRQMD = 0) and
place the SYSREF outputs into a lower power mode
for power savings (optional).
Note that synchronization MUST be performed before a
SYSREF request. The synchronization must be repeated
only if the divider setting is changed or if the divider is
powered down.
Determining Output Modes
All outputs can be programmed as clocks (MODEx = 0),
SYSREFs (MODEx = 1 or 3) or SYNC/SRQ pass-through
outputs (MODEx = 2) using each output’s individual
MODEx bits as described in Table 5 and Table 6. Any out-
put can also be programmed to ignore SYNC and SYSREF
requests by setting that output’s corresponding SRQENx
bit to “0”. Noting that this design example calls for pulsed
SYSREFs (MODEx = 3) and that the FPGA management
clock should always be free running (CONTROLLER
SRQEN10  = 0), Table  16 summarizes each output’s
mode settings.
Table 16. Output Mode Settings for EZSync Multichip
Design Example
IC
OUTPUT
PURPOSE
SRQENx
MODEx
PDx
OUT0
ADC0 SYSREF
1
3
0
OUT1
ADC0 CLK
1
0
0
OUT2
ADC1 SYSREF
1
3
0
OUT3
ADC1 CLK
1
0
0
OUT4
ADC2 SYSREF
1
3
0
OUT5
ADC2 CLK
1
0
0
OUT6
ADC3 SYSREF
1
3
0
OUT7
ADC3 CLK
1
0
0
OUT8
To FOLLOWER IN±
1
0
0
OUT9
FOLLOWER
EZS_SRQ
1
2
0
OUT10
FPGA MGMT CLK
0
0
0
OUT0
Unused
0
0
3
OUT1
FPGA SYSREF
1
3
0
OUT2
FPGA DEV CLK
1
0
0
OUT3
DAC0 SYSREF
1
3
0
OUT4
DAC0 CLK
1
0
0
OUT5
DAC1 SYSREF
1
3
0
OUT6
DAC1 CLK
1
0
0
OUT7
DAC2 SYSREF
1
3
0
OUT8
DAC2 CLK
1
0
0
OUT9
DAC3 SYSREF
1
3
0
OUT10
DAC3 CLK
1
0
0
Determining Output Divider Values
Once the desired frequencies of the outputs are deter-
mined, the output divider values can be calculated.
The ADC, DAC and FPGA clock frequencies are already



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com