Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 49 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 45Page - Analog Devices LTC6953 Datasheet HTML 46Page - Analog Devices LTC6953 Datasheet HTML 47Page - Analog Devices LTC6953 Datasheet HTML 48Page - Analog Devices LTC6953 Datasheet HTML 49Page - Analog Devices LTC6953 Datasheet HTML 50Page - Analog Devices LTC6953 Datasheet HTML 51Page - Analog Devices LTC6953 Datasheet HTML 52Page - Analog Devices LTC6953 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
LTC6953
49
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Figure 35. Far-End Transmission Line Termination
(Z0 = 50Ω)
As shown in Figure 34, the ADC’s sample clock input
is typically differential, with a differential sampling clock
delivering the best performance. Figure 34 also shows
the sample clock input having a different common mode
input voltage than the LTC6953’s CML outputs. Most ADC
applications will require AC-coupling to convert between
the two common mode voltages.
TRANSMISSION LINES AND TERMINATION
Interconnection of high speed signaling with fast rise
and fall times requires the use of transmission lines with
properly matched termination. The transmission lines
may be stripline, microstrip or any other design topol-
ogy. A detailed discussion of transmission line design
is beyond the scope of this data sheet. Any mismatch
between the transmission line’s characteristic impedance
and the terminating impedance results in a portion of the
signal reflecting back toward the other end of the trans-
mission line. In the extreme case of an open or short
circuit termination, all of the signal is reflected back. This
signal reflection leads to overshoot and ringing on the
waveform. Figure 35 shows the preferred method of far-
end termination of the transmission line.
6953 F35
100Ω
ZO
ZO
USING THE LTC6953 TO DRIVE DC-COUPLED
SYSREF INPUTS
For JESD204B applications, the SYSREF signal would
ideally be DC-coupled from the LTC6953 to the data con-
verter or FPGA as shown in Figure 37. This is possible for
receiver devices that can accept a 2.3V common mode
input signal. Note that some receiver devices have the
100Ω termination resistor internal to the part, in which
case the external 100Ω resistor is unnecessary.
Figure 36. OUTx CML Connections to Device Clock
Inputs (Z0 = 50Ω)
100Ω
100Ω
OUTx +
OUTx –
6953 F36
LTC6953
Z0
Z0
ADC, DAC,
OR FPGA
OUTx +
OUTx –
LTC6953
Z0
Z0
DEVICES THAT CAN
ACCEPT A 2.3V
COMMON MODE
SIGNAL
AC-COUPLED INTO
LVDS OR DEVICES
REQUIRING A SELF-
BIASED INPUT
CLK+
CLK–
ADC, DAC,
OR FPGA
CLK+
CLK–
Figure 37. OUTx CML DC-Coupled Connections to
SYSREF Inputs
100Ω
OUTx +
OUTx –
6953 F37
LTC6953
Z0
Z0
ADC, DAC,
OR FPGA
DEVICES THAT CAN
ACCEPT A 2.3V
COMMON MODE
SIGNAL
SYSREF +
SYSREF –
USING THE LTC6953 TO DRIVE DEVICE CLOCK
INPUTS
The LTC6953’s CML outputs are designed to interface
with standard CML or LVPECL devices while driving trans-
mission lines with far-end termination. Figure 36 shows
DC-coupled and AC-coupled output configurations for the
CML outputs. Note that some receiver devices have the
100Ω termination resistor internal to the part, in which
case the external 100Ω resistor is unnecessary.
Use the following procedure to achieve correct JESD204B
SYSREF behavior for DC-coupled SYSREFs in any mode.
These methods assume that the SYSREF outputs have
already been synchronized and that the SYSREF output
drivers have been disabled for power savings (PDx = 2).
DC-Coupled SYSREFs (MODEx = 0, 1 or 3)
1. Enable the LTC6953 SYSREF output drivers by setting
PDx = 0 and set SRQMD = 1.
2. Set the receiver device to accept SYSREFs.
3. Set SSRQ or the EZS_SRQ inputs to “1” for at least
1ms, then set back to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com