Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 10Page - Analog Devices LTC6953 Datasheet HTML 11Page - Analog Devices LTC6953 Datasheet HTML 12Page - Analog Devices LTC6953 Datasheet HTML 13Page - Analog Devices LTC6953 Datasheet HTML 14Page - Analog Devices LTC6953 Datasheet HTML 15Page - Analog Devices LTC6953 Datasheet HTML 16Page - Analog Devices LTC6953 Datasheet HTML 17Page - Analog Devices LTC6953 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
LTC6953
14
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
The LTC6953 is a high performance multioutput clock
distributor that operates up to 4.5GHz. Utilizing Analog
Devices’s proprietary EZSync and ParallelSync standards,
users of the LTC6953 and its companion part LTC6952
can synchronize clocks across multiple outputs and mul-
tiple chips. The device is able to achieve superior addi-
tive integrated jitter performance by way of its excellent
output noise floor. For JESD204B subclass 1 applications,
the LTC6953 also provides several convenient methods
to generate SYSREF pulses.
INPUT BUFFER
The LTC6953’s input buffer provides a flexible interface to
either differential or single-ended frequency sources. The
inputs are self-biased, and AC-coupling is recommended
for applications using external VCO/VCXO/VCSOs.
However, the input can also be driven DC-coupled by
LVPECL, CML or any other driver type within the input’s
specified common mode range. See the Applications
Information section for more information on common
input interface configurations, noting that the LTC6953’s
input buffer has an internal differential resistance of 250Ω
as shown in Figure 1.
phase noise performance will be achieved by enabling the
internal broadband noise filtering circuit within the input
buffer. This is accomplished by asserting the configura-
tion bit FILTV in serial port register h02. Note that setting
FILTV = 1 when the slew rate of the input is greater than
2V/ns will degrade the overall PLL-phase noise perfor-
mance. See Table 1 for recommended settings of FILTV.
Table 1. FILTV Programming
FILTV
SLEW RATE OF INPUT
1
< 2V/ns
0
≥ 2V/ns
Input Peak Detector
An input peak detection circuit on the IN± inputs detects
the presence of an input signal and provides the VCOOK
and VCOOK status flags available through both the STAT
output and serial port register h00. VCOOK is the logical
inverse of VCOOK. The circuit has hysteresis to prevent
the VCOOK flag from chattering at the detection thresh-
old. The peak detector may be powered-down using the
PDVCOPK bit found in register h02.
The peak detector approximates an RMS detector, there-
fore sine and square wave inputs will give different detec-
tion thresholds by a factor of 4/π. See Table 2 for VCOOK
detection values.
Table 2. VCOOK, VCOOK Status Output vs Input Amplitude
VCOOK
VCOOK
SINE WAVE fIN
SQUARE WAVE fIN
1
0
≥ 350mVP-P
≥ 275mVP-P
0
1
< 100mVP-P
< 75mVP-P
OUTPUT DIVIDERS (M0 TO M10)
The eleven independent, identical output dividers are
driven directly from the input buffer. They divide the
input frequency fIN by the divide value Mx to produce a
50% duty cycle output signal at frequency fOUTx. The Mx
value is set by the MPx[4:0] and the MDx[2:0] bits using
Equation 1:
Mx
= MPx + 1
(
) • 2MDx
(1)
For proper operation, MDx must be 0 if Mx is less than
or equal to 32.
Figure 1. Simplified Input Interface Schematic
VIN
+
FILTV
BIAS
125Ω
935Ω
IN–
IN+
2.1V
125Ω
6953 F01
The maximum input frequency for the input buffer is
4.5GHz, and the maximum amplitude is 1.6VP-P. It is
also important that the IN± input signal be low noise and
have a slew rate of at least 100V/µs, although better per-
formance will be achieved with a higher slew rate. For
applications with input slew rates less than 2V/ns, better



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com