Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 30Page - Analog Devices LTC6953 Datasheet HTML 31Page - Analog Devices LTC6953 Datasheet HTML 32Page - Analog Devices LTC6953 Datasheet HTML 33Page - Analog Devices LTC6953 Datasheet HTML 34Page - Analog Devices LTC6953 Datasheet HTML 35Page - Analog Devices LTC6953 Datasheet HTML 36Page - Analog Devices LTC6953 Datasheet HTML 37Page - Analog Devices LTC6953 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
LTC6953
34
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
In order to calculate each output’s digital delay value for
this design example, use the following procedure:
1. Delay all of the JESD204B device clocks by half of a
period of the slowest JESD204B device clock. This
delay setting is equal to the divide value of the slowest
device clock because a one code digital delay equals
half of an input cycle. Non-JESD204B clocks (such
as the FPGA management clock) are not included in
this calculation. This delay value defines the desired
SYSREF valid clock edge. In this example, the slowest
JESD204B clock is the FPGA device clock:
DDELSYSvalid = MFPGACLK = 32
DDELADC–CLK = DDELSYSvalid = 32
DDELDAC–CLK = DDELSYSvalid = 32
DDELFPGA–CLK = DDELSYSvalid = 32
2. For each device clock/SYSREF pair, subtract half a
device clock period from DDELSYSvalid to find the
SYSREF delay. This is equivalent to subtracting the
corresponding divide value of the device clock:
DDELADC–SYS = DDELSYSvalid – MADC–CLK
DDELADC–SYS = 32 – 8 = 24
DDELDAC–SYS = DDELSYSvalid – MDAC–CLK
DDELDAC–SYS = 32 – 1 = 31
DDELFPGA–SYS = DDELSYSvalid – MFPGA–CLK
DDELFPGA–SYS = 32 – 32 = 0
Table 14 summarizes the DDEL settings for all outputs.
Table 14. Output DDELx Settings for EZSync Standalone
Design Example
OUTPUT
PURPOSE
DDELx
OUT0
ADC0 SYSREF
24
OUT1
ADC0 CLK
32
OUT2
ADC1 SYSREF
24
OUT3
ADC1 CLK
32
OUT4
FPGA SYSREF
0
OUT5
FPGA DEV CLK
32
OUT6
FPGA MGMT CLK
0
OUT7
DAC0 SYSREF
31
OUT8
DAC0 CLK
32
OUT9
DAC1 SYSREF
31
OUT10
DAC1 CLK
32
Now that the output divider and delays have been deter-
mined, the LTC6953 can be programmed.
Status Register Programming
This example will use the STAT pin to alert the system
whenever the LTC6953 generates a fault condition.
Program x[3] = 1 to force the STAT pin high whenever
the VCOOK flag asserts:
Reg01 = h08
Power and FILT Register Programming
For correct operation, all internal blocks should be
enabled. Additionally, the input signal has a sufficient slew
rate and power to not need the FILTV bit:
Reg02 = h00
Output Power-Down Programming
During initial setup and synchronization, all used outputs
and the SRQ circuitry should be set to full power. These
bits will be used later to place the IC in a lower power
mode while waiting for SYSREF requests:
Reg03 = h00
Reg04 = h00
Reg05 = h00
SYNC and SYSREF Global Modes Programming
Bit EZMD controls whether the IC is an EZSync stand-
alone/CONTROLLER (“0”) or FOLLOWER (“1”). Since
this example is an EZSync standalone application, set bit
EZMD to “0”. Bit SRQMD determines if the part is in syn-
chronization mode (“0”) or SYSREF request mode (“1”).
SYSCT programs the number of pulses for any output in
pulsed SYSREF mode (# pulses = 2SYSCT, so SYSCT = 2
to achieve four pulses for this example). Using this infor-
mation, register h0B can be programmed:
Reg0B = h04
Note that the SSRQ bit will remain “0” for now, but will be
used later during the synchronization and SYSREF request
procedures. Also, the EZS_SRQ± pins should be grounded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com