Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 1 Page - Analog Devices

  LTC6953 Datasheet HTML 1Page - Analog Devices LTC6953 Datasheet HTML 2Page - Analog Devices LTC6953 Datasheet HTML 3Page - Analog Devices LTC6953 Datasheet HTML 4Page - Analog Devices LTC6953 Datasheet HTML 5Page - Analog Devices LTC6953 Datasheet HTML 6Page - Analog Devices LTC6953 Datasheet HTML 7Page - Analog Devices LTC6953 Datasheet HTML 8Page - Analog Devices LTC6953 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
LTC6953
1
Rev 0
For more information www.analog.com
Document Feedback
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Ultralow Jitter, 4.5GHz Clock Distributor
with 11 Outputs and JESD204B Support
The LTC®6953 is a high performance, ultralow jitter,
JESD204B clock distribution IC. The LTC6953’s eleven
outputs can be configured as up to five JESD204B sub-
class 1 device clock/SYSREF pairs plus one general
purpose output, or simply eleven general purpose clock
outputs for non-JESD204B applications. Each output has
its own individually programmable frequency divider and
output driver. All outputs can also be synchronized and
set to precise phase alignment using individual coarse half
cycle digital delays and fine analog time delays.
For applications requiring more than eleven total out-
puts, multiple LTC6953s can be connected together with
LTC6952s and LTC6955s using the EZSync or ParallelSync
synchronization protocols.
Low Cost, Eleven Output JESD204B Solution
APPLICATIONS
n
JESD204B, Subclass 1 SYSREF Signal Generation
n
Additive Output Jitter < 6fsRMS (Integration
BW = 12kHz to 20MHz, f = 4.5GHz)
n
Additive Output Jitter 65fsRMS (ADC SNR Method)
n
EZSync™, ParallelSync™ Multichip Synchronization
n
Eleven Independent, Low Noise Outputs with
Programmable Coarse Digital and Fine Analog Delays
n
Flexible Outputs Can Serve as Either a Device Clock
or SYSREF Signal
n
LTC6952Wizard Software Design Tool Support
n
–40°C to 125°C Operating Junction Temperature Range
n
High Performance Data Converter Clocking
n
Wireless Infrastructure
n
Test and Measurement
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 8319551 and 8819472.
Cumulative Phase Noise,
LTC6946 Driving LTC6953
4.5GHz
500MHz
OFFSET FREQUENCY (Hz)
1k
10k
100k
1M
10M 40M
–170
–160
–150
–140
–130
–120
–110
–100
6953 TAO1b
TOTAL COMBINED
RMS JITTER = 150fs
LTC6946 RMS JITTER = 135fs
LTC6963 RMS JITTER = 65fs
EQUIVALENT ADC SNR METHOD
49.9Ω
1µF
1µF
100Ω
1µF
160Ω
68nH
68nH
1µF
100pF
100pF
30.9Ω
57nF
4.7nF
2.2µF
15Ω
0.1µF
0.1µF
100Ω
CRYSTEK
CCHD-575-25-100
100MHz REF OSC
REF+
REF –
CP
VVCO
+ VCP+ VREF0+ VREF+ VD+
VIN
+ VREF+ VD+ VOUT+
VRF
+
CMA
CMB
CMC
TB
TUNE
MUTE
BB
RF+
RF –
REFO
3.3V
3.3V
5V
TO SYNC OUTPUTS:
TOGGLE LTC6953 SSYNC
REGISTER BIT
CS
SCLK
SDI
SDO
STAT
LTC6946-2
IN+
IN–
3.3V
LTC6953
3.3V
EZS_SRQ+
EZS_SRQ–
OUTx+
OUTx–
6953 TA01a
15.625MHz ADC SYSREF
500MHz ADC CLOCK
500MHz ADC CLOCK
4.5GHz DAC CLOCK
4.5GHz DAC CLOCK
125MHz FPGA CLOCK
OUT10±
OUT6±
OUT7±
OUT8±
OUT9±
OUT0±
OUT1±
OUT2±
OUT3±
OUT4±
OUT5±
15.625MHz ADC SYSREF
15.625MHz FPGA SYSREF
15.625MHz DAC SYSREF
15.625MHz DAC SYSREF
OUTPUT
TERMINATION DETAIL
CS
SCLK
SDI
SDO
STAT
SPI BUS
REGISTER VALUES:
LTC6952Wizard FILE: LTC6946 LTC6953 EZSync
PLLWizard™ FILE: LTC6946 LTC6953 EZSync
SPI BUS
Document Feedback


Similar Part No. - LTC6953

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC695 LINER-LTC695 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
LTC695 LINER-LTC695 Datasheet
223Kb / 18P
Microprocessor Supervisory Circuits
LTC695 LINER-LTC695 Datasheet
270Kb / 20P
Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3 Datasheet
148Kb / 16P
3.3V Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
3.3V Microprocessor Supervisory Circuits
More results

Similar Description - LTC6953

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL6010 TI-CDCL6010 Datasheet
582Kb / 24P
1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
LMK0482X TI1-LMK0482X Datasheet
2Mb / 114P
JEDEC JESD204B Support
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Analog Devices
AD9528 AD-AD9528_18 Datasheet
1Mb / 67P
JESD204B Clock Generator with 14 LVDS/HSTL Outputs
10/2014-Revision 0
LTC6952 AD-LTC6952 Datasheet
949Kb / 80P
Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
logo
Texas Instruments
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com