Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 52 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 52 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 48Page - Analog Devices LTC6953 Datasheet HTML 49Page - Analog Devices LTC6953 Datasheet HTML 50Page - Analog Devices LTC6953 Datasheet HTML 51Page - Analog Devices LTC6953 Datasheet HTML 52Page - Analog Devices LTC6953 Datasheet HTML 53Page - Analog Devices LTC6953 Datasheet HTML 54Page - Analog Devices LTC6953 Datasheet HTML 55Page - Analog Devices LTC6953 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
LTC6953
52
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL APPLICATIONS
ParallelSync Multichip Synchronization with Request Pass-Through
5ns/DIV
CARD #1
CARD #2
CARD #3
CARD #4
CARD #5
6953 TAO3b
STAGE 1 ADEL ADJUSTMENTS
REF EDGE ALIGNED < ±5.5ps
(ADJUSTS FOR PART, CABLE
AND PCB MISMATCH)
SYSREF VALID
CLOCK EDGE
500ps/DIV
OUT0: SYSREF
12.5MHz
OUT1: CLOCK
500MHz
OUT7: SYSREF
12.5MHz
OUT8: CLOCK
4GHz
6953 TA03d
100ns/DIV
SYSREF
300mV/DIV
6953 TAO3e
Step 1: Reference Alignment at
Daughter Card Inputs
Step 2: ParallelSync Multichip
Clock Alignment
Step 3: SYSREF Alignment
Step 3: SYSREF Pulses
Stage 2 LTC6952 Phase Noise vs
Stage 1 LTC6953 ADEL Setting
fOUT = 4GHz, Mx = 1
1µF
61.9Ω
1µF
100Ω
33nF
22nF
48.7Ω
1.2µF
48.7Ω
0.1µF
75Ω
30Ω
0.1µF
0.47µF
1µF
100Ω
100Ω
1µF
1µF
OUT0+
OUT0 –
OUT1+
OUT1
–
OUT2+
OUT2–
OUT10+
OUT10–
OUT3+
OUT3–
OUT4+
OUT4–
OUT5+
OUT5–
OUT6+
OUT6–
OUT7+
OUT7–
OUT8+
OUT8–
OUT9+
OUT9–
LTC6953
IN+
IN–
EZS_SRQ+
EZS_SRQ–
CRYSTEK
CCHD-575-25-100
100MHz REF OSC
TO
DAUGHTER
CARD #2
TO
DAUGHTER
CARD #3
TO
DAUGHTER
CARD #4
TO
DAUGHTER
CARD #5
STAGE 1
STAGE 2
CP
CRYSTEK
CVCO55CC-
4000-4000
VCO+
VCO–
VTUNE
OUT0+
OUT0–
OUT1+
OUT1–
OUT2+
OUT2–
OUT10+
OUT10–
OUT3+
OUT3–
OUT4+
OUT4–
OUT5+
OUT5–
OUT6+
OUT6–
OUT7+
OUT7–
OUT8+
OUT8–
OUT9+
OUT9–
LTC6952
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
500MHz CLOCK
500MHz CLOCK
4GHz CLOCK
4GHz CLOCK
125MHz CLOCK
100MHz CLOCK
DAUGHTER CARD #1
DAUGHTER CARD #2
DAUGHTER CARD #3
DAUGHTER CARD #4
DAUGHTER CARD #5
100MHz REF CLK
SSRQ PASS THRU
REF +
REF –
EZS_SRQ+
EZS_SRQ–
INITIAL SETUP: PROGRAM LTC6952 AND LTC6953 REGISTERS SETTINGS CREATED FROM THE LTC6952Wizard.
STEP 1: SYNCHRONIZE STAGE 1 REFERENCE SIGNALS
A) EZSync: TOGGLE STAGE 1 LTC6953 SSRQ BIT
B) OPT: FINE ALIGNMENT, ADJUST STAGE 1 ADEL BITS
STEP 2: SYNCHRONIZE STAGE 2 OUTPUT SIGNALS
A) SET STAGE 1 LTC6953 SRQMD = 1
B) ParallelSync, TOGGLE STAGE 1 LTC6953 SSRQ BIT
STEP 3: SEND SYSREF REQUEST
A) POWER UP LTC6952 SYSREF OUTPUTS
B) SET LTC6952 SRQMD = 1
C) SEND SYSREF, TOGGLE STAGE 1 LTC6953 SSRQ BIT
STEP 4: OPTIONAL REDUCE POWER
A) POWER DOWN LTC6952 SYSREF OUTPUTS
B) SET STAGE 1 LTC6953 AND LTC6952 SRQMD = 0
6953 TAO3a
RMS JITTER = 73fs
EQUIVALENT ADC
SNR METHOD
STAGE 1 ADEL = 0
STAGE 1 ADEL = 31
STAGE 1 ADEL = 63
OFFSET FREQUENCY (Hz)
1k
10k
100k
1M
10M 40M
–180
–170
–160
–150
–140
–130
–120
–110
–100
6953 TAO3f
500ps/DIV
OUT8: 4GHz
CARD #1
OUT1: 500MHz
CARD #1
OUT8: 4GHz
CARDS #2–5
OUT1: 500MHz
CARDS #2–5
6953 TAO3c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com