Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 24Page - Analog Devices LTC6953 Datasheet HTML 25Page - Analog Devices LTC6953 Datasheet HTML 26Page - Analog Devices LTC6953 Datasheet HTML 27Page - Analog Devices LTC6953 Datasheet HTML 28Page - Analog Devices LTC6953 Datasheet HTML 29Page - Analog Devices LTC6953 Datasheet HTML 30Page - Analog Devices LTC6953 Datasheet HTML 31Page - Analog Devices LTC6953 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
LTC6953
28
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
STAT Output
The STAT output pin is configured with the x[6:0] bits and
INVSTAT of register h01. These bits are used to bit-wise
mask or enable, the corresponding status flags of status
register h00, according to Equation 2 and shown sche-
matically in Figure 18. The result of this bit-wise boolean
operation is then output on the STAT pin if TEMP0 is “0”.
STAT
= OR Reg00 6 : 0
[
] AND Reg01 6 : 0
[
]
(
)
(
) XOR INVSTAT (2)
For example, if the application requires STAT to go high
whenever the VCOOK flag is set, then x[2] should be set
to “1” and INVSTAT should be set to “0”, giving a register
value of h04. Since only VCOOK and VCOOK are used for
the LTC6953, only bits x[3:2] should be used. Bits x[6:4]
and x[1:0] should always be set to 0.
The STAT pin may be transformed to a temperature mea-
surement with internal 300µA bias current by setting bit
TEMPO in register h05 to “1”. To get an approximate die
temperature, a single calibration point is needed first.
Measure the STAT pin voltage (VTEMPC) with the LTC6953
powered down (PDALL = 1) at a known temperature
(TCAL). Then the operating temperature may be calculated
in a desired application by measuring the STAT voltage
(VTEMP) and using Equation 3:
T
= 665 • VTEMPC – VTEMP
(
) + TCAL
(3)
where T and TCAL are in ºC, and VTEMPC and VTEMP are
in V. Note that no external bias current is required. Allow
50µs settling time after setting TEMPO to “1”.
Block Power-Down Control
The LTC6953’s power-down control bits are located in
register h02, described in Table 11. Different portions of
the device may be powered down independently. To power
down individual outputs, see Table 3. Care must be taken
with the LSB of this register, the POR (power-on-reset)
bit. When written to “1”, this bit forces a full reset of the
part’s digital circuitry to its power-up default state.
Figure 18. STAT Simplified Schematic
6953 F18
X[0]
1
INVSTAT
STAT
TEMPO
X[1]
0
X[2]
VCOOK
X[4]
0
X[5]
1
X[6]
0
1
0
1
0
X[3]
VCOOK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com