Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 5Page - Analog Devices LTC6953 Datasheet HTML 6Page - Analog Devices LTC6953 Datasheet HTML 7Page - Analog Devices LTC6953 Datasheet HTML 8Page - Analog Devices LTC6953 Datasheet HTML 9Page - Analog Devices LTC6953 Datasheet HTML 10Page - Analog Devices LTC6953 Datasheet HTML 11Page - Analog Devices LTC6953 Datasheet HTML 12Page - Analog Devices LTC6953 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
LTC6953
9
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL PERFORMANCE CHARACTERISTICS
CML Differential Output at 4.5GHz
CML Differential Output at 1GHz
Differential Output Swing vs
Frequency, Temperature
Analog Delay Time vs ADEL
Value, Temperature
Analog Delay Time Temperature
Variation from 25°C
Analog Delay Time vs ADEL Value
Over Multiple Output Frequencies
Expected Skew Variation for a
Single Part
100ps/DIV
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
CML Differential Output at 4.5GHz
6953 G08
200ps/DIV
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
6953 G09
NOTES 8, 10
125°C
25°C
–40°C
OUTPUT FREQUENCY (GHz)
0
1
2
3
4
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
6953 G10
label1
label2
label3
125°C
25°C
–40°C
ADEL VALUE
0
10
20
30
40
50
60
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
6953 G11
label1
label2
label3
125°C
–40°C
ADEL VALUE
0
10
20
30
40
50
60
–40
–30
–20
–10
0
10
20
30
40
6953 G12
100MHz
300MHz
500MHz
750MHz
1000MHz
1500MHz
1750MHz
2250MHz
ADEL VALUE
0
10
20
30
40
50
60
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
6953 G13
fvco = 4.5GHz, Mx=16
Average
–3σ
+3σ
NOTES 11, 12
OUTPUT
0
1
2
3
4
5
6
7
8
9 10
–15
–10
–5
0
5
10
15
6953 G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com