Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 4Page - Analog Devices LTC6953 Datasheet HTML 5Page - Analog Devices LTC6953 Datasheet HTML 6Page - Analog Devices LTC6953 Datasheet HTML 7Page - Analog Devices LTC6953 Datasheet HTML 8Page - Analog Devices LTC6953 Datasheet HTML 9Page - Analog Devices LTC6953 Datasheet HTML 10Page - Analog Devices LTC6953 Datasheet HTML 11Page - Analog Devices LTC6953 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
LTC6953
8
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL PERFORMANCE CHARACTERISTICS
Total Phase Noise, Driven
from VCO in a Locked PLL,
fVCO = 4GHz, Mx = 1
Total Phase Noise, Driven
from VCO in a Locked PLL,
fVCO = 4GHz, Mx = 2, 4, 8 and 16
Total Phase Noise, 100MHz Sine
Wave Input Signal
Additive Jitter vs ADEL Value,
ADC SNR Method, fIN = 4GHz,
Mx = 2, 4, 8 and 16
Additive Jitter vs DDEL Value,
ADC SNR Method, fIN = 4GHz,
Mx = 1, 2, 4, 8 and 16
Additive Jitter vs Divider Setting,
ADC SNR Method
Additive Jitter vs Input Slew Rate,
ADC SNR Method
VCO: CVCO55CC-4000-4000
NOTE 14
VCO OUTPUT
LTC6953 OUTPUT
OFFSET FREQUENCY (Hz)
100
1k
10k
100k
1M
10M 40M
–180
–170
–160
–150
–140
–130
–120
–110
–100
6953 G01
VCO: CVCO55CC-4000-4000
NOTE 14
2GHz
1GHz
500MHz
250MHz
OFFSET FREQUENCY (Hz)
1k
10k
100k
1M
10M 40M
–180
–170
–160
–150
–140
–130
–120
–110
–100
fVCO = 4GHz, Mx = 2, 4, 8, and 16
6953 G02
Mx = 1
IN± Pins
10dBm, FILTV = 0
10dBm, FILTV = 1
0dBm, FILTV = 0
0dBm, FILTV = 1
–10dBm, FILTV = 0
–10dBm, FILTV = 1
OFFSET FREQUENCY (Hz)
100
1k
10k
100k
1M
10M 40M
–180
–170
–160
–150
–140
–130
–120
–110
–100
6953 G03
NOTES 7, 9
250MHz
500MHz
1GHz
2GHz
ADEL VALUE
0
10
20
30
40
50
60
0
50
100
150
200
250
300
350
400
450
500
6953 G04
NOTES 7, 9
250MHz
500MHz
1GHz
2GHz
4GHz
DDEL VALUE
0
200
400
600
800
1000
0
50
100
150
200
250
300
350
400
450
500
6953 G05
NOTES 7, 9
ODD DIVIDER
EVEN DIVIDER
OUTPUT DIVIDER VALUE
0
4
8
12
16
20
24
28
32
50
55
60
65
70
75
80
85
90
95
100
6953 G06
Mx = 1
NOTES 7, 9
FILTV = 0
FILTV = 1
INPUT SLEW RATE (V/ns)
0.1
1
10
0
100
200
300
400
500
600
700
800
900
1000
6953 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com