Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 15Page - Analog Devices LTC6953 Datasheet HTML 16Page - Analog Devices LTC6953 Datasheet HTML 17Page - Analog Devices LTC6953 Datasheet HTML 18Page - Analog Devices LTC6953 Datasheet HTML 19Page - Analog Devices LTC6953 Datasheet HTML 20Page - Analog Devices LTC6953 Datasheet HTML 21Page - Analog Devices LTC6953 Datasheet HTML 22Page - Analog Devices LTC6953 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
LTC6953
19
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
as any FOLLOWER devices. However, LTC6952 can be
used as a FOLLOWER if necessary by disabling its PLL
(PDPLL = 1).
To simplify both SYNC and/or SYSREF requests down
to a simple software write to the CONTROLLER’s SSRQ
bit, the devices may be connected as shown in Figure 7,
where an additional CONTROLLER output drives each
FOLLOWER’s EZS_SRQ pins (only available for LTC6953
OPERATION
Figure 5. EZSync Standalone
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
OUT0+
OUT1+
EZS_SRQ+
EZS_SRQ–
OUT10+
OUT2+
OUT3+
OUT4+
OUT5+
OUT6+
OUT7+
OUT8+
OUT9+
IN±
CLOCK
GENERATOR
LTC6953
SYNC OR
SYSREF
REQUEST
CMOS
BUFFER
OUT0–
OUT1–
OUT2–
OUT3–
OUT4–
OUT5–
OUT6–
OUT7–
OUT10–
OUT8–
OUT9–
6953 F05
EZSync Multichip
When using EZSync multichip, compatible devices are cas-
caded together, with the clock output of a CONTROLLER
device driving the inputs of one to eleven FOLLOWER
devices as shown in Figure  6. The EZSync protocol
allows for simple synchronization of all devices due to
loose timing constraints on the SYNC signal. When used
in a JESD204B application, SYSREF requests may need
to be retimed to a free running SYSREF output to assure
all FOLLOWERS start and stop their SYSREF signals at
the same time. It is recommended that LTC6953 be used
Figure 6. EZSync Multichip Synchronization (Nine
Followers Shown, Max Eleven Possible
160Ω
160Ω
160Ω
160Ω
160Ω
160Ω
160Ω
160Ω
160Ω
100Ω
100Ω
OUTx±
EZS_SRQ+
IN+
OUT0+
OUT1+
EZS_SRQ+
EZS_SRQ–
OUT10+
OUT2+
OUT3+
OUT4+
OUT5+
OUT6+
OUT7+
OUT8+
OUT9+
LTC6953
11 OUTPUTS
LTC6953
EZSync
CONTROLLER
SYNC OR
SYSREF
REQUEST
CMOS
BUFFER
OUT0–
IN–
OUTx±
11 OUTPUTS
OUT1–
OUTx±
11 OUTPUTS
OUTx±
11 OUTPUTS
OUT2–
OUT3–
OUTx±
11 OUTPUTS
OUTx±
11 OUTPUTS
OUTx±
11 OUTPUTS
OUTx±
11 OUTPUTS
OUT4–
OUT5–
OUT6–
OUT7–
OUTx±
11 OUTPUTS
OUT10–
OUT8–
OUT9–
ALL CONTROLLER TO FOLLOWER
CONNECTIONS MUST BE DC-COUPLED
FOLLOWER-SYNCHRONOUS OUTPUT
FOLLOWER-SYNCHRONOUS OUTPUT
CONTROLLER
FOLLOWERS
6953 F06
LTC6953
LTC6953
LTC6953
IN+
IN–
IN+
IN–
IN+
IN–
IN+
IN–
IN+
IN–
IN+
IN–
IN+
IN–
IN+
IN–
EZS_SRQ+
EZS_SRQ+
EZS_SRQ+
EZS_SRQ+
EZS_SRQ+
EZS_SRQ+
EZS_SRQ+
EZS_SRQ+
IN±
CLOCK
GENERATOR
LTC6953
LTC6953
LTC6953
LTC6953
LTC6953



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com