Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 41 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 37Page - Analog Devices LTC6953 Datasheet HTML 38Page - Analog Devices LTC6953 Datasheet HTML 39Page - Analog Devices LTC6953 Datasheet HTML 40Page - Analog Devices LTC6953 Datasheet HTML 41Page - Analog Devices LTC6953 Datasheet HTML 42Page - Analog Devices LTC6953 Datasheet HTML 43Page - Analog Devices LTC6953 Datasheet HTML 44Page - Analog Devices LTC6953 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
LTC6953
41
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Additionally, the input signal has a sufficient slew rate
and power to not need the FILTV bit:
CONTROLLER Reg02 = h00
FOLLOWER Reg02 = h00
Output Power-Down Programming
During initial setup and synchronization, all used outputs
should be set to full power. These bits will be used later
to place the ICs in a lower power mode while waiting for
SYSREF requests:
CONTROLLER Reg03 = h00
CONTROLLER Reg04 = h00
CONTROLLER Reg05 = h00
FOLLOWER Reg03 = h03
FOLLOWER Reg04 = h00
FOLLOWER Reg05 = h00
SYNC and SYSREF Global Modes Programming
Bit EZMD controls whether the IC is an EZSync standalone/
CONTROLLER (“0”) or FOLLOWER (“1”). Bit SRQMD
determines if the part is in synchronization mode (“0”)
or SYSREF request mode (“1”). SYSCT programs the
number of pulses for any output in pulsed SYSREF mode
(# pulses = 2SYSCT, so SYSCT = 2 to achieve four pulses
for this example). Using this information, register h0B
for CONTROLLER and FOLLOWER can be programmed:
CONTROLLER Reg0B = h04
FOLLOWER Reg0B = h14
Note that the SSRQ bits will remain “0” for now, but will
be used later during the synchronization and SYSREF
request procedures.
Output Divider, Delay and Function Programming
Four registers for each output allow the outputs to be
configured independently of each other. The first regis-
ter controls the output divide ratio through two control
words, MPx and MDx, as described in Equation 1. The
second register contains the control modes and the most
significant bits of the digital delay control word. The third
register contains the remainder of the digital delay control
word, and the fourth register is the analog delay control.
Both the analog delay and the output invert (OINVx) bits
can be used to correct PC board layout issues such as
mismatched trace lengths and differential signal cross-
overs, respectively. Note that the use of analog delay on
clock signals will degrade jitter performance. For this
example, assume the PC board is laid out in an ideal man-
ner and no output inversions or analog delays are needed.
With this information, all of registers h0C through h37 for
both CONTROLLER and FOLLOWER can be programmed
to the values in Table 19 and Table 20, calculated using
the information in Table 24, Table 25 (with Equation 1),
and Table 26.
Table 19. CONTROLLER Output Register Settings for EZSync
Multichip Design Example
ADDR
VALUE
ADDR
VALUE
ADDR
VALUE
h0C
h9C
h1C
h9C
h2C
h00
h0D
hE0
h1D
hE0
h2D
h80
h0E
h26
h1E
h26
h2E
h00
h0F
h00
h1F
h00
h2F
h00
h10
h38
h20
h38
h30
h9C
h11
h80
h21
h80
h31
hC0
h12
h2E
h22
h2E
h32
h2D
h13
h00
h23
h00
h33
h00
h14
h9C
h24
h9C
h34
h99
h15
hE0
h25
hE0
h35
h00
h16
h26
h26
h26
h36
h00
h17
h00
h27
h00
h37
h00
h18
h38
h28
h38
h19
h80
h29
h80
h1A
h2E
h2A
h2E
h1B
h00
h2B
h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com