Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 6Page - Analog Devices LTC6953 Datasheet HTML 7Page - Analog Devices LTC6953 Datasheet HTML 8Page - Analog Devices LTC6953 Datasheet HTML 9Page - Analog Devices LTC6953 Datasheet HTML 10Page - Analog Devices LTC6953 Datasheet HTML 11Page - Analog Devices LTC6953 Datasheet HTML 12Page - Analog Devices LTC6953 Datasheet HTML 13Page - Analog Devices LTC6953 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
LTC6953
10
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL PERFORMANCE CHARACTERISTICS
Skew Variation with Temperature
for a Single Typical Part
Propagation Delay vs Frequency,
Temperature
Propagation Delay Variation,
Input to OUT4
Input Signal Detected vs
Frequency, Temperature
Supply Current vs Junction
Temperature, All Outputs Enabled
Supply Current vs Number of
Disabled Outputs
NOTE 12
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
TJ (°C)
–40 –20
0
20
40
60
80
100 120
–30
–20
–10
0
10
20
6953 G15
FILTV = 0
125°C
70°C
25°C
–40°C
FREQUENCY (MHz)
0
1000
2000
3000
4000
280
290
300
310
320
330
340
350
360
370
380
6953 G16
NOTE 11
fVCO = 4.5GHz
tPD (ps)
320
325
330
335
340
345
350
0
100
200
300
400
6953 G17
FILTV = 0
NOTE 13
125°C
25°C
–40°C
FREQUENCY (GHz)
0
1
2
3
4
–16
–14
–12
–10
–8
–6
6953 G18
NOTE 5
TJ (°C)
–40 –20
0
20
40
60
80
100 120
820
830
840
850
860
6953 G19
FULLY DISABLED (PDx = 3)
OUTPUT DISABLED (PDx = 2)
NUMBER OF DISABLED OUTPUTS
0
1
2
3
4
5
6
7
8
9 10 11
0
100
200
300
400
500
600
700
800
900
1000
6953 G20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com