Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 38Page - Analog Devices LTC6953 Datasheet HTML 39Page - Analog Devices LTC6953 Datasheet HTML 40Page - Analog Devices LTC6953 Datasheet HTML 41Page - Analog Devices LTC6953 Datasheet HTML 42Page - Analog Devices LTC6953 Datasheet HTML 43Page - Analog Devices LTC6953 Datasheet HTML 44Page - Analog Devices LTC6953 Datasheet HTML 45Page - Analog Devices LTC6953 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
LTC6953
42
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Table 20. FOLLOWER Output Register Settings for EZSync
Multichip Design Example
ADDR
VALUE
ADDR
VALUE
ADDR
VALUE
h0C
h00
h1C
h00
h2C
h00
h0D
h00
h1D
h80
h2D
h80
h0E
h00
h1E
h20
h2E
h20
h0F
h00
h1F
h00
h2F
h00
h10
h9C
h20
h9C
h30
h9C
h11
hE0
h21
hE0
h31
hE0
h12
h00
h22
h1F
h32
h1F
h13
h00
h23
h00
h33
h00
h14
hF8
h24
h00
h34
h00
h15
h80
h25
h80
h35
h80
h16
h20
h26
h20
h36
h20
h17
h00
h27
h00
h37
h00
h18
h9C
h28
h9C
h19
hE0
h29
hE0
h1A
h1F
h2A
h1F
h1B
h00
h2B
h00
Synchronization
The outputs in this example are now running at the desired
frequency, but have random phase relationships with
each other. Synchronization forces the outputs to run at
known and repeatable phases and can be achieved in this
example either externally, by driving the CONTROLLER’s
EZS_SRQ± pins or internally, with the CONTROLLER’s
SSRQ bit in Reg0B. Since the part was just programmed,
set the SSRQ bit to “1” and hold the EZS_SRQ± pins low:
CONTROLLER Reg0B = h05
After waiting a minimum of 1ms, set SSRQ back to “0”:
CONTROLLER Reg0B = h04
Once the internal synchronization process completes, the
outputs will be aligned as shown in Figure 27. Note that the
internal divider behavior for the muted SYSREF outputs is
shown as well as the actual outputs to demonstrate the
phase alignment following synchronization. Also notice
that all FOLLOWER outputs will have additional delay from
the CONTROLLER outputs equal to the FOLLOWER’s tPD
as described in the Electrical Characteristics.
Putting the ICs Into a Lower Power Mode
If desired, both ICs can be placed into lower power modes
while awaiting a SYSREF request. This is achieved by set-
ting PDx = 2 for all SYSREF-defined outputs. This powers
down the output driver circuitry but leaves the internal
divider running and in the correct phase relationship to
the clocks.
Performing a SYSREF Request
To produce SYSREF pulses, write a “1” to SRQMD and
take the parts out of low power mode (if used) by writing
all the SYSREF output PDx bits to “0”. Wait 50µs to allow
circuitry to power up. Send the SYSREF request by writing
a “1” to the CONTROLLER SSRQ bit in Reg0B:
CONTROLLER Reg0B = h05
After waiting a minimum of 1ms, write Reg0B again:
CONTROLLER Reg0B = h04
Place the ICs back into low power mode if desired by writ-
ing a “0” to SRQMD and setting PDx = 2 for all SYSREF-
defined outputs. After the rising edge of the SYSREF
request, the SYSREF outputs will pulse four times and
then return to a “0” state as shown in Figure 28. Note
that the FOLLOWER SYSREF pulses may not start and
stop at exactly the same time as the CONTROLLER’s.
This is not an issue, since the SYSREF edges will still be
aligned correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com