Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 35Page - Analog Devices LTC6953 Datasheet HTML 36Page - Analog Devices LTC6953 Datasheet HTML 37Page - Analog Devices LTC6953 Datasheet HTML 38Page - Analog Devices LTC6953 Datasheet HTML 39Page - Analog Devices LTC6953 Datasheet HTML 40Page - Analog Devices LTC6953 Datasheet HTML 41Page - Analog Devices LTC6953 Datasheet HTML 42Page - Analog Devices LTC6953 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
LTC6953
39
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
known, which leaves the two CONTROLLER outputs that
drive the FOLLOWER to be described. Since OUT8 of the
CONTROLLER drives the FOLLOWER input, its frequency
must be equal to or larger than, the highest FOLLOWER
frequency. Therefore:
fCONT-OUT8 = 4000MHz
Additionally, when using the software-controlled
EZSync configuration in a JESD204B application, the
CONTROLLER output which drives the FOLLOWER’s
EZS_SRQ inputs should be set to the same frequency as
the SYSREF frequency (or the slowest SYSREF frequency
if multiple SYSREF periods are used).
fCONT–OUT9 = 12.5MHz
Now that all frequencies are known, use Equation 4 to
determine the output divider values. The results are
shown in Table 17.
Table 17. Output Divide Settings for EZSync Multichip
Design Example
IC OUTPUT
PURPOSE
FREQUENCY
(MHZ)
DIVIDE
VALUE (Mx)
OUT0
ADC0 SYSREF
12.5
320
OUT1
ADC0 CLK
500
8
OUT2
ADC1 SYSREF
12.5
320
OUT3
ADC1 CLK
500
8
OUT4
ADC2 SYSREF
12.5
320
OUT5
ADC2 CLK
500
8
OUT6
ADC3 SYSREF
12.5
320
OUT7
ADC3 CLK
500
8
OUT8
To FOLLOWER IN±
4000
1
OUT9
FOLLOWER EZS_SRQ
12.5
320
OUT10
FPGA MGMT CLK
100
40
OUT0
Unused
N/A
N/A
OUT1
FPGA SYSREF
12.5
320
OUT2
FPGA DEV CLK
125
32
OUT3
DAC0 SYSREF
12.5
320
OUT4
DAC0 CLK
4000
1
OUT5
DAC1 SYSREF
12.5
320
OUT6
DAC1 CLK
4000
1
OUT7
DAC2 SYSREF
12.5
320
OUT8
DAC2 CLK
4000
1
OUT9
DAC3 SYSREF
12.5
320
OUT10
DAC3 CLK
4000
1
Determining Output Digital Delay Values
The output digital delay is used to control phase relation-
ships between outputs. The minimum delay step is ½ of
a period of the input signal. For this design example, the
digital delay is used to place each device’s SYSREF signal
edges into a known phase relationship to its correspond-
ing device clock, optimized for the set-up (ts) and hold
time (th) requirements for that device. Assume that the
optimum SYSREF edge location for each device occurs
on the first falling clock edge before the desired SYSREF
valid rising clock edge. Refer to Figure 23 for an example.
For EZSync multichip synchronization, the CONTROLLER
output which drives the FOLLOWER input (follower-driver)
must output seven pulses before the FOLLOWER outputs
begin. This means that any CONTROLLER outputs which
should be aligned with the FOLLOWER outputs (follower-
synchronous) must be delayed by the same amount of
time as the seven pulses, leading to a delay offset for
each of these follower-synchronous outputs (DDELFS-OS):
DDELFS–OS = 14 • MFD + DDELFD
(8)
where MFD and DDELFD are the divider value and digital
delay value, respectively, of the follower-driver. In most
applications, DDELFD will be set to 0.
In order to calculate each output’s delay value for this
design example, use the following procedure:
1. Delay all of the JESD204B device clocks by half of a
period of the slowest JESD204B device clock. This
delay setting is equal to the divide value of the slow-
est device clock because a one code digital delay
equals half of an input clock cycle. Non-JESD204B
clocks (such as the FPGA management clock) are not
included in this calculation. This delay value defines
the desired SYSREF valid clock edge. In this example,
the slowest JESD204B clock is the FPGA device clock:
DDELSYSvalid = MFPGACLK = 32
DDELADC–CLK´ = DDELSYSvalid = 32
DDELDAC–CLK´ = DDELSYSvalid = 32
DDELFPGA–CLK´ = DDELSYSvalid = 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com