Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 16Page - Analog Devices LTC6953 Datasheet HTML 17Page - Analog Devices LTC6953 Datasheet HTML 18Page - Analog Devices LTC6953 Datasheet HTML 19Page - Analog Devices LTC6953 Datasheet HTML 20Page - Analog Devices LTC6953 Datasheet HTML 21Page - Analog Devices LTC6953 Datasheet HTML 22Page - Analog Devices LTC6953 Datasheet HTML 23Page - Analog Devices LTC6953 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
LTC6953
20
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
FOLLOWER before the FOLLOWER outputs or any fol-
lower-synchronous CONTROLLER outputs start clocking.
Additionally, a CONTROLLER must have bit EZMD set to
“0” and a FOLLOWER must have both EZMD and PDPLL
set to “1”. See the Applications Information section for a
programming example. Additionally, the LTC6952Wizard
provides programming guidance.
ParallelSync
In a ParallelSync application, multiple ParallelSync com-
patible devices are connected in parallel with a shared dis-
tributed REF signal as shown in Figure 8. The advantage of
parallel connection is improved jitter performance, as the
clock signals do not propagate through two or more cas-
caded devices. However, synchronization requires tighter
control of the SYNC and SYSREF request (SRQ) signals’
timing because of the need to have the SYNC/SRQ edges
fall within the same REF cycle for all connected devices.
The LTC6953 is not compatible as a ParallelSync device
except as part of the reference and EZS_SRQ distribution
OPERATION
160Ω
100Ω
160Ω
100Ω
160Ω
100Ω
160Ω
100Ω
160Ω
100Ω
100Ω
OUTx ±
EZS_SRQ+
OUT0+
OUT1+
EZS_SRQ+
EZS_SRQ–
OUT10+
OUT2+
OUT3+
OUT4+
OUT5+
OUT6+
OUT7+
OUT8+
OUT9+
11 OUTPUTS
LTC6953
EZSync
CONTROLLER
SYNC OR SYSREF
REQUEST: TOGGLE PIN
OR WRITE SSRQ BIT
OUT0–
OUT1–
OUTx ±
11 OUTPUTS
OUT2–
OUT3–
OUTx ±
11 OUTPUTS
OUTX±
11 OUTPUTS
OUT4–
OUT5–
OUT6–
OUT7–
OUTx ±
11 OUTPUTS
OUT10–
OUT8–
OUT9–
EZS_SRQ–
FOLLOWER-SYNCHRONOUS OUTPUT
ALL CONTROLLER TO FOLLOWER
CONNECTIONS MUST BE DC-COUPLED
CONTROLLER
FOLLOWERS
6953 F07
IN+
LTC6953
IN–
IN+
IN–
IN+
IN–
IN+
IN–
IN+
IN–
LTC6953
LTC6953
LTC6953
LTC6953
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
IN±
CLOCK
GENERATOR
Figure 7. EZSync Multichip Synchronization with
Request Pass-Through
or LTC6952 FOLLOWERS). This request pass-through
configuration reduces the system complexity at the cost
of fewer possible FOLLOWERS (a maximum of 5). Note
that MPx for the CONTROLLER’s pass-through output
must be set greater than 0.
For all cases of EZSync synchronization, the CONTROLLER
must be programmed to output seven pre-pulses to each
REF±
CP
OUTx ±
EZS_SRQ±
LF(S)
VCO±
LTC6952 #1
REF±
CP
OUTx ±
EZS_SRQ±
LF(S)
VCO±
LTC6952 #2
REF±
CP
OUTx ±
EZS_SRQ±
VCO±
LTC6952 #3
REF±
CP
OUTx ±
EZS_SRQ±
VCO±
LTC6952 #N
LF(S)
LF(S)
11 OUTPUTS
11 OUTPUTS
11 OUTPUTS
11 OUTPUTS
VCO
VCO
VCO
VCO
REFERENCE
DISTRIBUTION
EZS_SRQ
DISTRIBUTION
REFERENCE MAY BE SINGLE-
ENDED OR DIFFERENTIAL
EZS_SRQ MAY BE SINGLE-
ENDED OR DIFFERENTIAL
6953 F08
Figure 8. ParallelSync Multichip Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com