Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 37 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 37 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 33Page - Analog Devices LTC6953 Datasheet HTML 34Page - Analog Devices LTC6953 Datasheet HTML 35Page - Analog Devices LTC6953 Datasheet HTML 36Page - Analog Devices LTC6953 Datasheet HTML 37Page - Analog Devices LTC6953 Datasheet HTML 38Page - Analog Devices LTC6953 Datasheet HTML 39Page - Analog Devices LTC6953 Datasheet HTML 40Page - Analog Devices LTC6953 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
LTC6953
37
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
JESD204B DESIGN EXAMPLE USING EZSync MULTICHIP
This design example consists of a system of four
JESD204B analog-to-digital converters (ADCs), four
JESD204B digital-to-analog converters (DACs), and a
JESD204B compatible FPGA. All of the data convert-
ers (ADCs and DACs) and the FPGA require JESD204B
subclass 1 device clocks and SYSREFs, and the FPGA
requires an extra management clock. Additionally, the
ADCs require a low noise clock of less than 100fs total
RMS jitter. This leads to a total of 19 separate signals to
generate, with frequencies listed below. For this exam-
ple, the SYSREF frequencies for all devices are the same
and should output four pulses upon a SYSREF request
rising edge:
fADC–CLK = 500MHz
fDAC–CLK = 4000MHz
fFPGA–CLK = 125MHz
fFPGA–MGMT = 100MHz
fSYSREF = 12.5MHz
To determine which multichip configuration to use, we
utilize the flowchart in Figure 10. This example has nine
total JESD204B device clock/SYSREF pairs, four of which
need to be less than 100fs total jitter. We also need one
additional non-low noise standalone clock for the FPGA.
Therefore:
TP = 9
LNP = 4
TS = 1
LNS = 0
Based on these inputs, Figure  10 suggests using the
EZSync multichip protocol with request pass-through
topology shown in Figure 7, using one CONTROLLER and
one FOLLOWER chip. Noting that the use of LTC6953
for any FOLLOWER chips is recommended, Figure 26
Figure 26. Block Diagram for JESD204B EZSync Multichip Design Example
M0
SYNC AND
SYSREF CTRL
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
SSRQ BIT
M0
SYNC AND
SYSREF CTRL
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
SSRQ BIT
EZS_SRQ±
ADC0
SYSREF
CLK
ADC1
SYSREF
CLK
SYSREF
SYSREF
CLK
CLK
ADC2
ADC3
DEV CLK
SYSREF
MGMT CLK
FPGA
SYSREF
CLK
DAC3
SYSREF
SYSREF
SYSREF
CLK
CLK
CLK
DAC2
DAC1
DAC0
LTC6953
CONTROLLER
LTC6953
FOLLOWER
IN±
EZS_SRQ±
INPUT/OUTPUT TERMINATIONS AND
AC COUPLING CAPS NOT SHOWN.
6953 F26
IN±
CLOCK
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com