Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 3Page - Analog Devices LTC6953 Datasheet HTML 4Page - Analog Devices LTC6953 Datasheet HTML 5Page - Analog Devices LTC6953 Datasheet HTML 6Page - Analog Devices LTC6953 Datasheet HTML 7Page - Analog Devices LTC6953 Datasheet HTML 8Page - Analog Devices LTC6953 Datasheet HTML 9Page - Analog Devices LTC6953 Datasheet HTML 10Page - Analog Devices LTC6953 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
LTC6953
7
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Deltas from Total Chip
Current
PDx[1:0] = 2 (x = 0 to 10) per Output
–34
mA
PDx[1:0] = 3 (x = 0 to 10) per Output
–68
mA
EZS_SRQ ± State = 1, SSRQ = 1 or SRQMD = 1
+175
mA
Mx = Odd (Not Mx = 1) per Output
+8.6
mA
ADELx = 1 to 31 per Output
+3.0
mA
ADELx = 32 to 63 per Output
+4.7
mA
Additive Phase Noise, Jitter and Spurious (Note 7)
Additive Phase Noise and RMS Jitter
(fIN = 4.5GHz, fOUTx = 4.5GHz, Mx = 1)
Phase Noise Floor
–154.3
dBc/Hz
RMS Jitter, 12kHz to 20MHz Integration BW
6
fsRMS
RMS Jitter, ADC SNR Method (Note 9)
65
fsRMS
Additive Phase Noise and RMS Jitter
(fIN = 4.5GHz, fOUTx = 2.25GHz, Mx = 2)
Phase Noise Floor
–157.1
dBc/Hz
RMS Jitter, 12kHz to 20MHz Integration BW
8
fsRMS
RMS Jitter, ADC SNR Method (Note 9)
66
fsRMS
Additive Phase Noise and RMS Jitter
(fIN = 4.5GHz, fOUTx = 1.125GHz, Mx = 4)
Phase Noise Floor
–160.2
dBc/Hz
RMS Jitter, 12kHz to 20MHz Integration BW
9
fsRMS
RMS Jitter, ADC SNR Method (Note 9)
65
fsRMS
Additive Phase Noise and RMS Jitter
(fIN = 3.2GHz, fOUTx = 200MHz, Mx = 16)
Phase Noise Floor
–167.8
dBc/Hz
RMS Jitter, 12kHz to 20MHz Integration BW
21
fsRMS
RMS Jitter, ADC SNR Method (Note 9)
65
fsRMS
Additive Phase Noise and RMS Jitter
(fIN = 3.2GHz, fOUTx = 50MHz, Mx = 64)
Phase Noise Floor
–173.8
dBc/Hz
RMS Jitter, 12kHz to 20MHz Integration BW
41
fsRMS
RMS Jitter, ADC SNR Method (Note 9)
65
fsRMS
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VREF+ = VD+ = VIN+ = VOUT+ = 3.3V unless otherwise specified
(Note 2). All voltages are with respect to GND.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6953 is guaranteed to meet specified performance
limits over the full operating junction temperature range of –40°C to
125°C. Under maximum operation conditions, airflow or heat sinking
may be required to maintain a junction temperature of 125°C or lower.
It is required that the Exposed Pad (Pin 53) be soldered directly to the
ground plane with an array of thermal vias as described in the Applications
Information section.
Note 3: Absolute maximum time of digital delay is limited to 100µs.
Note 4: For fOUT ≥ 300MHz, analog delay time vs ADELx varies. See
Typical Performance Characteristics plot and the Operation section
Note 5: All outputs configured as enabled clocks: all PDx[1:0] = 0, EZS_
SRQ± pin state = 0, SSRQ = 0, SRQMD = 0, PDALL = 0, PDVCOPK = 0.
Note 6: Configured with six enabled clock outputs and five SYSREF
outputs with output drivers disabled: PD0, PD2, PD4, PD6, PD8, and
PD10 = 0; PD1, PD3, PD5, PD7, and PD9 = 2; EZS_SRQ± pin state = 0;
SSRQ = 0; SRQMD = 0; PDALL = 0; PDVCOPK = 0.
Note 7: Additive phase noise and jitter from LTC6953 only. Incoming
clock phase noise is not included.
Note 8: Measured using DC2610.
Note 9: Additive RMS jitter (ADC SNR method) is calculated by integrating
the distribution section’s measured phase noise floor out to fCLK. Actual
ADC SNR measurements show good agreement with this method.
Note 10: Measured with 36" cables from output of DC2610 to
measurement instrument. Cable loss is NOT accounted for in this plot.
Note 11: Statistics calculated from 1200 total measured parts from two
process lots.
Note 12: Skew is defined as the difference between the zero-crossing time
of a given output and the average zero-crossing time of all outputs.
Note 13: Measured input power is de-embedded to the IN± pins of the
LTC6953.
Note 14: The LTC6953 is driven from a VCO (CVCO55CC-4000-4000)
through a splitter. The other side of the splitter drives the input of a
LTC6952 to lock the VCO in a PLL. The reference for the LTC6952 PLL is
a Pascal OCXO-E, fREF = 100MHz, PREF = 6dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com