Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 12Page - Analog Devices LTC6953 Datasheet HTML 13Page - Analog Devices LTC6953 Datasheet HTML 14Page - Analog Devices LTC6953 Datasheet HTML 15Page - Analog Devices LTC6953 Datasheet HTML 16Page - Analog Devices LTC6953 Datasheet HTML 17Page - Analog Devices LTC6953 Datasheet HTML 18Page - Analog Devices LTC6953 Datasheet HTML 19Page - Analog Devices LTC6953 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
LTC6953
16
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
matched-length traces. OINVx also determines the state
of the output in a muted condition (PDx = 1) as shown in
Table 3. See Figure 3 for circuit details.
Figure 3. Simplified CML Interface Schematic (All OUTx)
VOUT
+
OUTx –
OUTx +
33Ω
50Ω
50Ω
6953 F03
OUTPUT SYNCHRONIZATION AND SYSREF
GENERATION
The LTC6953 has circuitry to allow all outputs to be syn-
chronized into known phase alignments in multiple ways
to suit different applications using the EZSync Multichip
Clock Edge Synchronization protocol. Synchronization
can be between any combination of outputs on the same
chip (EZSync Standalone) or across multiple cascaded
FOLLOWER chips (EZSync Multichip). Once the out-
puts are at the correct frequency and synchronized, the
LTC6953 also has the ability to produce free running,
gated or finitely pulsed SYSREF signals as indicated by
the JESD204B subclass 1 specification.
EZS_SRQ Input Buffer
Both synchronization and SYSREF requests are achieved
by either a software signal (bit SSRQ in register h0B) or
a voltage signal on the EZS_SRQ± pins. The voltage on
these pins may be any differential signal within the speci-
fications in the Electrical Characteristics or alternatively
a CMOS signal on EZS_SRQ+ while EZS_SRQ– is tied to
GND. A simplified schematic of the EZS_SRQ input is
shown in Figure 4. When using the SSRQ bit, the state of
the EZS_SRQ± pins must be a logic “0”, easily achieved
by setting both EZS_SRQ± pins to GND. Likewise, when
using the EZS_SRQ± pins, bit SSRQ must be set to “0”.
Bit SRQMD determines the type of request issued by
the EZS_SRQ± pins or SSRQ bit. When SRQMD = 0,
the request is for synchronization of the outputs. When
SRQMD = 1, it is a request to output SYSREF pulses.
Note that synchronization MUST be performed before a
SYSREF request. The synchronization must be repeated
only if the divider setting is changed or if the divider is
powered down.
Synchronization Overview
The goal of synchronization is to align all output divid-
ers on single or multiple LTC6953s (or other compat-
ible Analog Devices clocking parts) into a known phase
relationship. At initial power-up, after a power-on reset
(POR) or any time the output divide values are changed,
the outputs will not be synchronized. Any changes to the
output digital delays (DDELx) will not be reflected until
after synchronization. Although the outputs will be at the
correct frequency without synchronization, the phases
will have an unknown relationship until a synchronization
event occurs.
To enable synchronization on the LTC6953, the SRQMD
bit in register h0B must be set to “0”. Synchronization
begins either with the EZS_SRQ input driven to a high
state or by writing “1” to the SSRQ bit. For any output with
its SRQENx bit set to “1”, the output divider will stop run-
ning and return to a logic “0” state after an internal timing
delay of greater than 100µs. The EZS_SRQ input state or
SSRQ bit must remain high for a minimum of 1ms.
Figure 4. Simplified EZS_SRQ Interface Schematic
VREF
+
BIAS
28k
7k
EZS_SRQ+
EZS_SRQ–
0.8V
CMOS
CMOS
CMOS
CMOS
CMOS
2.1V
6953 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com