Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 19Page - Analog Devices LTC6953 Datasheet HTML 20Page - Analog Devices LTC6953 Datasheet HTML 21Page - Analog Devices LTC6953 Datasheet HTML 22Page - Analog Devices LTC6953 Datasheet HTML 23Page - Analog Devices LTC6953 Datasheet HTML 24Page - Analog Devices LTC6953 Datasheet HTML 25Page - Analog Devices LTC6953 Datasheet HTML 26Page - Analog Devices LTC6953 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
LTC6953
23
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
leave the SRQMD bit set to “0” until a SYSREF request is
required. When a SYSREF signal is needed, set SRQMD
to “1”, return the PDx bits to “0”, then wait at least 50µs
before issuing a SYSREF request. Put the SYSREF outputs
back into low power mode (PDx = 2) and set SRQMD = 0
when finished.
SERIAL PORT
The SPI-compatible serial port provides control and moni-
toring functionality. A configurable status output STAT
gives additional instant monitoring.
Communication Sequence
The serial bus is composed of CS, SCLK, SDI, and SDO.
Data transfers to the part are accomplished by the serial
bus master device first taking CS low to enable the
LTC6953’s port. Input data applied on SDI is clocked on
the rising edge of SCLK, with all transfers MSB first. The
OPERATION
communication burst is terminated by the serial bus mas-
ter returning CS high. See Figure 11 for details.
Data is read from the part during a communication burst
using SDO. Readback may be multidrop (more than one
LTC6953 connected in parallel on the serial bus), as SDO
is three-stated (Hi-Z) when CS is high or when data is
not being read from the part. If the LTC6953 is not used
in a multidrop configuration or if the serial port master
is not capable of setting the SDO line level between read
sequences, it is recommended to attach a high value
resistor of greater than 200k between SDO and GND to
ensure the line returns to a known level during Hi-Z states.
See Figure 12 for details.
Single Byte Transfers
The serial port is arranged as a simple memory map,
with status and control available in 56, byte-wide regis-
ters. All data bursts are comprised of at least two bytes.
MASTER–CS
MASTER–SCLK
tCSS
tCS
tCH
DATA
DATA
6953 F11
tCKL
tCKH
tCSS
tCSH
MASTER–SDI
MASTER–CS
MASTER–SCLK
LTC6953–SDO
Hi-Z
Hi-Z
6953 F12
8TH CLOCK
DATA
DATA
tDO
tDO
tDO
tDO
Figure 11. Serial Port Write Timing Diagram
Figure 12. Serial Port Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com