Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 47 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 47 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 43Page - Analog Devices LTC6953 Datasheet HTML 44Page - Analog Devices LTC6953 Datasheet HTML 45Page - Analog Devices LTC6953 Datasheet HTML 46Page - Analog Devices LTC6953 Datasheet HTML 47Page - Analog Devices LTC6953 Datasheet HTML 48Page - Analog Devices LTC6953 Datasheet HTML 49Page - Analog Devices LTC6953 Datasheet HTML 50Page - Analog Devices LTC6953 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
LTC6953
47
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Figure 31. A Typical Data Acquisition Circuit Showing the Sampling Error Effects of a Noisy Amplifier and a Jittery Sampling Clock
Figure 32. Fast and Slow Sine Wave Signals
Sampled with a Jittery Clock
6953 F32
tJ
∆V = VERROR(SLOW)
∆V = VERROR(FAST)
FAST
SINE WAVE
SLOW
SINE WAVE
Figure 32 demonstrates this effect. Note how much larger
the error term is with the fast slewing signal than with the
slow slewing signal. To maintain the data converter’s SNR
performance, digitization of high input frequency signals
requires a clock with much less jitter than applications
with lower frequency input signals.
6953 F31
SINE WAVE
INPUT SIGNAL WITH
NOISELESS AMP
SAMPLING CLOCK WITH ADDED JITTER
∆V = VERROR
tJ
SINE WAVE
INPUT SIGNAL WITH
NOISY AMP
SINE WAVE
INPUT SIGNAL
PERFECT SAMPLING CLOCK
∆V = VERROR
SINE WAVE
INPUT SIGNAL WITH
NOISELESS AMP
PERFECT SAMPLING CLOCK
VSAMPLE
SAMPLING CLOCK
BITS
ADC
AMP
It is important to note that the frequency of the analog
input signal determines the sample clock’s jitter require-
ment. The actual sample clock frequency does not matter.
Many ADC applications that undersample high frequency
signals have especially challenging sample clock jitter
requirements.
The previous discussion was useful for gaining an intuitive
feel for the SNR degradation due to sampling clock jitter.
Quantitatively, the actual sample clock jitter requirement
for a given application is calculated as:
t J(TOTAL) =
10
–SNRdB
20
2 • π • fSIG
(9)
Where fSIG is the highest frequency signal to be digitized
expressed in Hz, SNRdB is the SNR requirement in deci-
bels and tJ(TOTAL) is the total RMS jitter in seconds. The
total jitter is the RMS sum of the ADC’s aperture jitter and
the sample clock jitter calculated as:
t J(TOTAL) = t J(CLK)2 + tJ(ADC)2
(10)
Alternatively, for a given total jitter, the attainable SNR is
calculated as follows:
SNR dB = –20log10(2 • π • fSIG • tJ(TOTAL))
(11)
These calculations assume a full-scale sine wave input
signal. If the input signal is a complex, modulated signal
with a moderate crest factor, the peak slew rate of the
signal may be lower and the sample clock jitter require-
ment may be relaxed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com