Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 48 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 48 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 44Page - Analog Devices LTC6953 Datasheet HTML 45Page - Analog Devices LTC6953 Datasheet HTML 46Page - Analog Devices LTC6953 Datasheet HTML 47Page - Analog Devices LTC6953 Datasheet HTML 48Page - Analog Devices LTC6953 Datasheet HTML 49Page - Analog Devices LTC6953 Datasheet HTML 50Page - Analog Devices LTC6953 Datasheet HTML 51Page - Analog Devices LTC6953 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
LTC6953
48
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Figure 34. Simplified Sample Clock Input Circuit
TOTAL CLOCK
JITTER (RMS)
10fs
20fs
50fs
100fs
200fs
500fs
1ps
FREQUENCY OF FULL–SCALE INPUT SIGNAL (GHz)
0.01
0.1
1
10
24
34
44
54
64
74
84
94
104
114
124
6953 F33
Figure 33. SNR vs Input Signal Frequency vs
Sample Clock Jitter
These calculations are also theoretical. They assume a
noiseless ADC with infinite resolution. All realistic ADCs
have both added noise and a resolution limit. The limita-
tions of the ADC must be accounted for to prevent over-
specifying the sampling clock.
Figure 33 plots the previous equations and provides a
simple, quick way to estimate the sampling clock jitter
requirement for a given input signal or the expected SNR
performance for a given sample clock jitter.
the ADC analog input. A non-jitter dominated SNR mea-
surement (SNRbase) is created by applying a very low
amplitude (or low frequency) sinewave to the ADC analog
input.  The total clock jitter (tJ(TOTAL)) can be calculated
using Equation 12.
t J(TOTAL) =
10 –
1
2
log10 10 –
SNR jitter
–10
– 10 –
SNRbase
10
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝
⎜
⎞
⎠
⎟
⎡
⎣
⎢
⎤
⎦
⎥
2πfIN
(12)
Assuming the inherent aperture jitter of the ADC (tJ(ADC))
is known, the jitter of the clock generator (tJ(CLK)) is
obtained using Equation 9.
ADC SAMPLE CLOCK INPUT DRIVE REQUIREMENTS
Modern high speed, high resolution ADCs are incredibly
sensitive components able to match or exceed labora-
tory instrument performance in many regards. Noise or
interfering signals on the analog signal input, the voltage
reference or the sampling clock input can easily appear
in the digitized data. To deliver the full performance of
any ADC, the sampling clock input must be driven with a
clean, low jitter signal.
Figure 34 shows a simplified version of a typical ADC
sample clock input. In this case the input pins are labeled
ENC± for Encode while some ADCs label the inputs CLK±
for Clock. The input is composed of a differential limiting
amplifier stage followed by a buffer that directly controls
the ADC’s track and hold stage.
The sample clock input amplifier also benefits from a
fast slewing input signal as the amplifier has noise of its
own. By slewing through the crossover region quickly,
the amplifier noise creates less jitter than if the transition
were slow.
6953 F34
VDD
1.2V
10k
ENC+
ENC–
MEASURING CLOCK JITTER INDIRECTLY USING
ADC SNR
For some applications, integrating a clock generator’s
phase noise within a defined offset frequency range (i.e.,
12kHz to 20MHz) is sufficient to calculate the clock’s
impact on the overall system performance. In these situ-
ations, the RMS jitter can be calculated from a phase
noise measurement.
However, other applications require knowledge of the
clock’s phase noise at frequency offsets that exceed the
capabilities of today’s phase noise analyzers. This limita-
tion makes it difficult to calculate jitter from a phase noise
measurement.
The RMS jitter of an ADC clock source can be indirectly
measured by comparing a jitter dominated SNR measure-
ment to a non-jitter dominated SNR measurement.  A jitter
dominated SNR measurement (SNRjitter) is created by
applying a low jitter, high frequency full-scale sinewave to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com