Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 13Page - Analog Devices LTC6953 Datasheet HTML 14Page - Analog Devices LTC6953 Datasheet HTML 15Page - Analog Devices LTC6953 Datasheet HTML 16Page - Analog Devices LTC6953 Datasheet HTML 17Page - Analog Devices LTC6953 Datasheet HTML 18Page - Analog Devices LTC6953 Datasheet HTML 19Page - Analog Devices LTC6953 Datasheet HTML 20Page - Analog Devices LTC6953 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
LTC6953
17
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
When the EZS_SRQ input is driven back low or “0” is writ-
ten to the SSRQ bit, the synchronized internal dividers will
start after an initial latency. Outputs with DDELx ≠ 0 will
be delayed by an extra DDELx/2 input cycles. The behavior
of each output will be defined individually by the output’s
corresponding SRQENx and MODEx bits as shown in
Table 5. All dividers with the same DDELx delay setting
will have their output rising edge occur within the skew
times as defined in the Electrical Characteristics table. The
range of each delay is 0 to 4095 input half cycles and is
independent of the divide ratio setting of each divider. See
the Applications Information section for synchronization
programming examples. Additionally, the LTC6952Wizard
may be used to visualize these timing relationships.
Table 5. Synchronization (SRQMD = 0) Output Behavior vs
Device Settings
SRQENx
MODEx
INTERNAL
DIVIDER
SYNC TO
OTHER
DIVIDERS
INTERNAL
DIVIDER
START
LATENCY
FROM SYNC
SIGNAL
FALLING EDGE
(DDELx = 0)
OUTPUT
BEHAVIOR
0
0
No
N/A
Free Running
1, 2 or 3
Muted
1
0
Yes
~45µs + 7/ fIN
Mute on SYNC
High, Run on
Sync Low
1 or 3
Muted
2
Sync Signal
Pass-Through
SYSREF Generation Overview
The JESD204B subclass 1 specification describes a
method to align multiple data converter devices (ADCs or
DACs) in time and provide repeatable and programmable
latency across the serial link with a logic device (FPGA).
The Local Multi-Frame Clocks (LMFC) and internal clock
dividers on all devices in the system are synchronized by a
pulse (or pulse train) named SYSREF. Care must be taken
to make sure the SYSREF signal remains synchronized to
the ADC, DAC, and FPGA clocks and meets setup and hold
timing as specified by the devices.
The LTC6953 supports three different methods of SYSREF
generation as described in the JESD204B specification:
•
Free running
•
Gated on/off by a SYSREF request signal
•
One, two, four or eight SYSREF pulses after the rising
edge of a SYSREF request signal
These modes are defined by each output’s individually
programmable MODEx bits. In order to generate SYSREF
pulses, bit SRQMD must be set to “1” and MPx must be
greater than 0. SYSREF requests (SYSREQ) are applied
on the EZS_SRQ± pins or by setting the SSRQ bit to “1”.
Table 6 describes the output behavior in SYSREF genera-
tion mode. Bits SYSCT[1:0] can be found in register h0B.
Note that synchronization MUST be completed prior to
SYSREF generation as described in the Synchronization
Overview.
Table 6. Output Behavior in SYSREF Generation Mode
(SRQMD = 1)
SRQENx MODEx
OUTPUT BEHAVIOR
0
0
Free Run, Ignore SYSREQ
1, 2
or 3
Muted,Ignore SYSREQ
1
0
Free Run, Ignore SYSREQ
1
Gated Pulses: Run on SYSREQ High, Mute on Low
2
SYSREQ Pass-Through
3
Output 2SYSCT Pulses After SYSREQ Goes High
Multichip Synchronization and SYSREF Generation
Using one LTC6953 in EZSync Standalone configuration
(Figure 5), up to eleven clock signals or SYSREFs can
be generated and synchronized. For applications requir-
ing more than eleven clock outputs, the LTC6953 and
its companion chip, the LTC6952, support two methods
of multichip synchronization and SYSREF generation:
EZSync Multichip and ParallelSync. The synchronization
configuration is determined by bits EZMD and PARSYNC
(on the LTC6952 only), and their required settings are
shown in Table 7. Table 8 introduces the important attri-
butes of these methods and their variants, with further
details provided in the following paragraphs. Note that
this table only refers to two-stage applications. Many
more outputs are possible by using more stages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com