Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6953 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 18Page - Analog Devices LTC6953 Datasheet HTML 19Page - Analog Devices LTC6953 Datasheet HTML 20Page - Analog Devices LTC6953 Datasheet HTML 21Page - Analog Devices LTC6953 Datasheet HTML 22Page - Analog Devices LTC6953 Datasheet HTML 23Page - Analog Devices LTC6953 Datasheet HTML 24Page - Analog Devices LTC6953 Datasheet HTML 25Page - Analog Devices LTC6953 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
LTC6953
22
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Figure 10. Flowchart to Determine the Best Synchronization Protocol for a Given Application
START
INPUTS:
TP = TOTAL NUMBER OF JESD DEVICE CLOCK/SYSREF PAIRS
LNP = NUMBER OF JESD PAIRS REQUIRING LOW
NOISE (< 100fs) DEVICE CLOCKS
TS = TOTAL NUMBER OF STAND ALONE CLOCK SIGNALS
LNS = NUMBER OF REQUIRED LOW
NOISE (< 100fs) STAND ALONE CLOCKS
T = 2TP + TS
INPUTS:
T = TOTAL NUMBER OF CLOCK SIGNALS
LNS = NUMBER OF REQUIRED LOW
NOISE (< 100fs) CLOCKS
JESD204B
APPLICATION?
NOTE: CEILING() FUNCTION MEANS ROUND
UP TO NEXT HIGHEST INTEGER.
YES
NO
T ≤ 11?
NO
NO
YES
T ≤ 11?
YES
USE EZSync
STANDALONE
USE EZSync MULTICHIP
WITH REQUEST PASS-
THROUGH (1 CONTROLLER
AND P FOLLOWERS)
USE ParallelSync WITH
LTC6953 REFERENCE
DISTRIBUTION
(P PARALLEL PARTS)
T ≤ 56
AND TP ≤ 25
AND LNS
≤ 11 – P2 – 2LNP
AND LNP
≤ 5 – P?
NO
NO
YES
T ≤ 56
AND LNS
≤ 11 – 2P?
YES
NO
NO
YES
YES
NO
NO
YES
YES
T ≤ 25
AND
TP ≤ 25?
T ≤ 121
AND
LNS ≤ 11 – P?
T ≤ 121
AND TP ≤ 55
AND LNS
≤ 11 – P – 2LNP
AND LNP
≤ (55 – TP)/9?
T ≤ 55?
6953 F10
USE STANDARD EZSync
MULTICHIP
(1 CONTROLLER
AND P FOLLOWERS)
USE STANDARD
ParallelSync
MULTICHIP
(P PARALLEL PARTS)
P
= CEILING MAX
T
11
,
TP
5




P
= CEILING MAX
T – 11
9
,
TP – 5
4




P
= CEILING
T – 11
9


P
= CEILING
T – 11
10


P
= CEILING MAX
T – 11
10
,
TP – 5.5
4.5




P
= CEILING MAX
T
11
,
TP
5




P
= CEILING
T
11


P
= CEILING
T
11


OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com